Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC705SP7 Datasheet(PDF) 109 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 109 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 105Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 106Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 107Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 108Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 109Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 110Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 111Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 112Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 113Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 230 page
background image
Analog Subsystem
Analog Multiplex Register
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Analog Subsystem
NOTE:
Either comparator may generate an output flag when the inputs are
exchanged due to a change in the state of the INV bit. It is therefore
recommended that the INV bit not be changed while waiting for a
comparator flag. Further, any changes to the state of the INV bit should
be followed by writing a logical one to both the CPFR1 and CPFR2 bits
to clear any extraneous CPF1 or CPF2 flags that may have occurred.
VREF
This read/write bit connects the channel select bus to VDD for making
a reference voltage measurement. It cannot be selected if any of the
other input sources to the channel select bus are selected as shown
in Table 8-2. This bit is cleared by a reset of the device.
1 = Channel select bus connected to VDD if all MUX1:4 are cleared.
0 = Channel select bus cannot be connected to VDD.
MUX1:4
These are read/write bits that connect the analog subsystem pins to
the channel select bus and voltage comparator 2 for purposes of
making a voltage measurement. They can be selected individually or
combined with any of the other input sources to the channel select
bus as shown in Table 8-2.
NOTE:
The VAOFF voltage source shown in Figure 8-1 depicts a small offset
voltage generated by the total chip current passing through the package
bond wires and lead frame that are attached to the single VSS pin. This
offset raises the internal VSS reference (AVSS) in the analog subsystem
with respect to the external VSS pin. Turning on the VSS MUX to the
channel select bus connects it to this internal AVSS reference line.
When making A/D conversions this AVSS offset gets placed on the
external ramping capacitor since the discharge device on the PB0/AN0
pin discharges the external capacitor to the internal AVSS line. Under
these circumstances the positive input (+) to comparator 2 will always be
higher than the negative input (–) until the negative input reaches the
AVSS offset voltage plus any offset in comparator 2.
Therefore, input voltages cannot be resolved if they are less than the
sum of the AVSS offset and the comparator offset, because they will
always yield a low output from the comparator.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com