Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F100LEDXXXFB Datasheet(PDF) 171 Page - Renesas Technology Corp

Part # R5F100LEDXXXFB
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LEDXXXFB Datasheet(HTML) 171 Page - Renesas Technology Corp

Back Button R5F100LEDXXXFB Datasheet HTML 167Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 168Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 169Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 170Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 171Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 172Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 173Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 174Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 207 page
background image
RL78/G13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = –40 to +105°C)
R01DS0131EJ0350 Rev.3.50
171 of 200
Jun 30, 2020
3.9 Dedicated Flash Memory Programmer Communication (UART)
(TA = –40 to +105°C, 2.4 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Transfer rate
During serial programming
115,200
1,000,000
bps
3.10 Timing of Entry to Flash Memory Programming Modes
(TA = –40 to +105°C, 2.4 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Time to complete the communication
for the initial setting after the
external reset is released
tSUINIT
POR and LVD reset must be released before
the external reset is released.
100
ms
Time to release the external reset
after the TOOL0 pin is set to the low
level
tSU
POR and LVD reset must be released before
the external reset is released.
10
µs
Time to hold the TOOL0 pin at the
low level after the external reset is
released
(excluding the processing time of the
firmware to control the flash
memory)
tHD
POR and LVD reset must be released before
the external reset is released.
1
ms
RESET
TOOL0
<1>
<2>
<3>
t
SU
<4>
t
SUINIT
723 µs + tHD
processing
time
1-byte data for setting mode
<1> The low level is input to the TOOL0 pin.
<2> The external reset is released (POR and LVD reset must be released before the external
reset is released.).
<3> The TOOL0 pin is set to the high level.
<4> Setting of the flash memory programming mode by UART reception and complete the baud
rate setting.
Remark tSUINIT: Communication for the initial setting must be completed within 100 ms after the external reset is released
during this period.
tSU:
Time to release the external reset after the TOOL0 pin is set to the low level
tHD:
Time to hold the TOOL0 pin at the low level after the external reset is released (excluding the processing
time of the firmware to control the flash memory)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com