Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F100LEDXXXFB Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # R5F100LEDXXXFB
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LEDXXXFB Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button R5F100LEDXXXFB Datasheet HTML 173Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 174Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 175Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 176Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 177Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 178Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 179Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 180Page - Renesas Technology Corp R5F100LEDXXXFB Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 207 page
background image
RL78/G13
4. PACKAGE DRAWINGS
R01DS0131EJ0350 Rev.3.50
177 of 200
Jun 30, 2020
4.4 30-pin Package
JEITA Package Code
RENESAS Code
Previous Code
MASS (TYP.) [g]
P-LSSOP30-0300-0.65
PLSP0030JB-B
S30MC-65-5A4-3
0.18
S
S
H
J
T
I
G
D
E
F
C
B
K
P
L
U
N
ITEM
B
C
I
L
M
N
A
K
D
E
F
G
H
J
P
30
16
115
A
detail of lead end
M
M
T
MILLIMETERS
0.65 (T.P.)
0.45 MAX.
0.13
0.5
6.1
±0.2
0.10
9.85
±0.15
0.17
±0.03
0.1
±0.05
0.24
1.3
±0.1
8.1
±0.2
1.2
+0.08
−0.07
1.0
±0.2
3
°+5°
−3°
0.25
0.6
±0.15
U
NOTE
Each lead centerline is located within 0.13 mm of
its true position (T.P.) at maximum material condition.
2012 Renesas Electronics Corporation. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com