Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F101LEDXXXFB Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # R5F101LEDXXXFB
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F101LEDXXXFB Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button R5F101LEDXXXFB Datasheet HTML 112Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 113Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 114Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 115Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 116Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 117Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 118Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 119Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 207 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0131EJ0350 Rev.3.50
116 of 200
Jun 30, 2020
LVD Detection Voltage of Interrupt & Reset Mode
(TA = –40 to +85°C, VPDR
≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Interrupt and reset
mode
VLVDA0
VPOC2, VPOC1, VPOC0 = 0, 0, 0, falling reset voltage
1.60
1.63
1.66
V
VLVDA1
LVIS1, LVIS0 = 1, 0
Rising release reset voltage
1.74
1.77
1.81
V
Falling interrupt voltage
1.70
1.73
1.77
V
VLVDA2
LVIS1, LVIS0 = 0, 1
Rising release reset voltage
1.84
1.88
1.91
V
Falling interrupt voltage
1.80
1.84
1.87
V
VLVDA3
LVIS1, LVIS0 = 0, 0
Rising release reset voltage
2.86
2.92
2.97
V
Falling interrupt voltage
2.80
2.86
2.91
V
VLVDB0
VPOC2, VPOC1, VPOC0 = 0, 0, 1, falling reset voltage
1.80
1.84
1.87
V
VLVDB1
LVIS1, LVIS0 = 1, 0
Rising release reset voltage
1.94
1.98
2.02
V
Falling interrupt voltage
1.90
1.94
1.98
V
VLVDB2
LVIS1, LVIS0 = 0, 1
Rising release reset voltage
2.05
2.09
2.13
V
Falling interrupt voltage
2.00
2.04
2.08
V
VLVDB3
LVIS1, LVIS0 = 0, 0
Rising release reset voltage
3.07
3.13
3.19
V
Falling interrupt voltage
3.00
3.06
3.12
V
VLVDC0
VPOC2, VPOC1, VPOC0 = 0, 1, 0, falling reset voltage
2.40
2.45
2.50
V
VLVDC1
LVIS1, LVIS0 = 1, 0
Rising release reset voltage
2.56
2.61
2.66
V
Falling interrupt voltage
2.50
2.55
2.60
V
VLVDC2
LVIS1, LVIS0 = 0, 1
Rising release reset voltage
2.66
2.71
2.76
V
Falling interrupt voltage
2.60
2.65
2.70
V
VLVDC3
LVIS1, LVIS0 = 0, 0
Rising release reset voltage
3.68
3.75
3.82
V
Falling interrupt voltage
3.60
3.67
3.74
V
VLVDD0
VPOC2, VPOC1, VPOC0 = 0, 1, 1, falling reset voltage
2.70
2.75
2.81
V
VLVDD1
LVIS1, LVIS0 = 1, 0
Rising release reset voltage
2.86
2.92
2.97
V
Falling interrupt voltage
2.80
2.86
2.91
V
VLVDD2
LVIS1, LVIS0 = 0, 1
Rising release reset voltage
2.96
3.02
3.08
V
Falling interrupt voltage
2.90
2.96
3.02
V
VLVDD3
LVIS1, LVIS0 = 0, 0
Rising release reset voltage
3.98
4.06
4.14
V
Falling interrupt voltage
3.90
3.98
4.06
V
2.6.5 Power supply voltage rising slope characteristics
(TA = –40 to +85°C, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Power supply voltage rising slope
SVDD
54
V/ms
Caution
Make sure to keep the internal reset state by the LVD circuit or an external reset until VDD reaches the
operating voltage range shown in 2.4 AC Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com