Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F101LEDXXXFB Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # R5F101LEDXXXFB
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F101LEDXXXFB Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button R5F101LEDXXXFB Datasheet HTML 122Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 123Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 124Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 125Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 126Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 127Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 128Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 129Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 207 page
background image
RL78/G13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = –40 to +105°C)
R01DS0131EJ0350 Rev.3.50
126 of 200
Jun 30, 2020
(TA = –40 to +105°C, 2.4 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V) (4/5)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output voltage,
high
VOH1
P00 to P07, P10 to P17, P30 to P37,
P40 to P47, P50 to P57, P64 to P67,
P70 to P77, P80 to P87, P90 to P97,
P100 to P106, P110 to P117, P120,
P125 to P127, P130, P140 to P147
4.0 V
≤ EVDD0 ≤ 5.5 V,
IOH1 = –3.0 mA
EVDD0 –
0.7
V
2.7 V
≤ EVDD0 ≤ 5.5 V,
IOH1 = –2.0 mA
EVDD0 –
0.6
V
2.4 V
≤ EVDD0 ≤ 5.5 V,
IOH1 = –1.5 mA
EVDD0 –
0.5
V
VOH2
P20 to P27, P150 to P156
2.4 V
≤ VDD ≤ 5.5 V,
IOH2 = –100 µA
VDD – 0.5
V
Output voltage,
low
VOL1
P00 to P07, P10 to P17, P30 to P37,
P40 to P47, P50 to P57, P64 to P67,
P70 to P77, P80 to P87, P90 to P97,
P100 to P106, P110 to P117, P120,
P125 to P127, P130, P140 to P147
4.0 V
≤ EVDD0 ≤ 5.5 V,
IOL1 = 8.5 mA
0.7
V
4.0 V
≤ EVDD0 ≤ 5.5 V,
IOL1 = 3.0 mA
0.6
V
2.7 V
≤ EVDD0 ≤ 5.5 V,
IOL1 = 1.5 mA
0.4
V
2.4 V
≤ EVDD0 ≤ 5.5 V,
IOL1 = 0.6 mA
0.4
V
VOL2
P20 to P27, P150 to P156
2.4 V
≤ VDD ≤ 5.5 V,
IOL2 = 400 µA
0.4
V
VOL3
P60 to P63
4.0 V
≤ EVDD0 ≤ 5.5 V,
IOL3 = 15.0 mA
2.0
V
4.0 V
≤ EVDD0 ≤ 5.5 V,
IOL3 = 5.0 mA
0.4
V
2.7 V
≤ EVDD0 ≤ 5.5 V,
IOL3 = 3.0 mA
0.4
V
2.4 V
≤ EVDD0 ≤ 5.5 V,
IOL3 = 2.0 mA
0.4
V
Caution
P00, P02 to P04, P10 to P15, P17, P43 to P45, P50, P52 to P55, P71, P74, P80 to P82, P96, and P142 to
P144 do not output high level in N-ch open-drain mode.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port
pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com