Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F101LEDXXXFB Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # R5F101LEDXXXFB
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F101LEDXXXFB Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button R5F101LEDXXXFB Datasheet HTML 159Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 160Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 161Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 162Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 163Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 164Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 165Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 166Page - Renesas Technology Corp R5F101LEDXXXFB Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 207 page
background image
RL78/G13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = –40 to +105°C)
R01DS0131EJ0350 Rev.3.50
163 of 200
Jun 30, 2020
3.6 Analog Characteristics
3.6.1 A/D converter characteristics
Classification of A/D converter characteristics
Input channel
Reference Voltage
Reference voltage (+) = AVREFP
Reference voltage (
–) = AVREFM
Reference voltage (+) = VDD
Reference voltage (
–) = VSS
Reference voltage (+) = VBGR
Reference voltage (
–) = AVREFM
ANI0 to ANI14
Refer to 3.6.1 (1).
Refer to 3.6.1 (3).
Refer to 3.6.1 (4).
ANI16 to ANI26
Refer to 3.6.1 (2).
Internal reference voltage
Temperature sensor output
voltage
Refer to 3.6.1 (1).
–
(1) When reference voltage (+) = AVREFP/ANI0 (ADREFP1 = 0, ADREFP0 = 1), reference voltage (–) = AVREFM/ANI1
(ADREFM = 1), target pin : ANI2 to ANI14, internal reference voltage, and temperature sensor output voltage
(TA = –40 to +105°C, 2.4 V
≤ AVREFP ≤ VDD ≤ 5.5 V, VSS = 0 V, Reference voltage (+) = AVREFP, Reference voltage (–) =
AVREFM = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
RES
8
10
bit
Overall errorNote 1
AINL
10-bit resolution
AVREFP = VDD Note 3
2.4 V
≤ AVREFP ≤ 5.5 V
1.2
±3.5
LSB
Conversion time
tCONV
10-bit resolution
Target pin: ANI2 to ANI14
3.6 V
≤ VDD ≤ 5.5 V
2.125
39
µs
2.7 V
≤ VDD ≤ 5.5 V
3.1875
39
µs
2.4 V
≤ VDD ≤ 5.5 V
17
39
µs
10-bit resolution
Target pin: Internal reference
voltage, and temperature
sensor output voltage (HS
(high-speed main) mode)
3.6 V
≤ VDD ≤ 5.5 V
2.375
39
µs
2.7 V
≤ VDD ≤ 5.5 V
3.5625
39
µs
2.4 V
≤ VDD ≤ 5.5 V
17
39
µs
Zero-scale errorNotes 1, 2
EZS
10-bit resolution
AVREFP = VDD Note 3
2.4 V
≤ AVREFP ≤ 5.5 V
±0.25
%FSR
Full-scale errorNotes 1, 2
EFS
10-bit resolution
AVREFP = VDD Note 3
2.4 V
≤ AVREFP ≤ 5.5 V
±0.25
%FSR
Integral linearity error
Note 1
ILE
10-bit resolution
AVREFP = VDD Note 3
2.4 V
≤ AVREFP ≤ 5.5 V
±2.5
LSB
Differential linearity error
Note 1
DLE
10-bit resolution
AVREFP = VDD Note 3
2.4 V
≤ AVREFP ≤ 5.5 V
±1.5
LSB
Analog input voltage
VAIN
ANI2 to ANI14
0
AVREFP
V
Internal reference voltage output
(2.4 V
≤ VDD ≤ 5.5 V, HS (high-speed main) mode)
VBGR Note 4
V
Temperature sensor output voltage
(2.4 V
≤ VDD ≤ 5.5 V, HS (high-speed main) mode)
VTMPS25 Note 4
V
(Notes are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com