Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B3RI Datasheet(PDF) 181 Page - STMicroelectronics

Part # STM32H7B3RI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3RI Datasheet(HTML) 181 Page - STMicroelectronics

Back Button STM32H7B3RI Datasheet HTML 177Page - STMicroelectronics STM32H7B3RI Datasheet HTML 178Page - STMicroelectronics STM32H7B3RI Datasheet HTML 179Page - STMicroelectronics STM32H7B3RI Datasheet HTML 180Page - STMicroelectronics STM32H7B3RI Datasheet HTML 181Page - STMicroelectronics STM32H7B3RI Datasheet HTML 182Page - STMicroelectronics STM32H7B3RI Datasheet HTML 183Page - STMicroelectronics STM32H7B3RI Datasheet HTML 184Page - STMicroelectronics STM32H7B3RI Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 238 page
background image
•
Measurement points are done at CMOS levels: 0.5VDD
•
IO Compensation cell activated.
•
VOS level set to VOS0
Refer to Section 6.3.16 I/O port characteristics for more details on the input/output characteristics.
Table 124. Dynamics characteristics: USB OTG_FS
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VDD33USB
USB transceiver operating voltage
-
3.0(1)
-
3.6
V
RPUI
Embedded USB_DP pull-up value during idle
-
900
1250
1600
Ω
RPUR
Embedded USB_DP pull-up value during reception
-
1400
2300
3200
ZDRV
Output driver impedance(2)
Driver high and low
28
36
44
1. The USB functionality is ensured down to 2.7 V but not the full USB electrical characteristics that are degraded in the 2.7 to
3.0 V voltage range.
2. No external termination series resistors are required on USB_DP (D+) and USB_DM (D-); the matching impedance is
already included in the embedded driver.
6.3.36.9
USB OTG_HS characteristics
Unless otherwise specified, the parameters given in Table 125 for ULPI are derived from tests performed under
the ambient temperature, fPCLKx frequency and VDD supply voltage summarized in Table 22. General operating
conditions and Section 6.3.1 , with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load CL=20 pF
•
Measurement points are done at CMOS levels: 0.5VDD
•
IO Compensation cell activated.
•
VOS level set to VOS0
Note:
At VOS1, the performance can be degraded by up to 5 % compared to VOS0. This is indicated by a footnote
when applicable.
Refer to Section 6.3.16 I/O port characteristics for more details on the input/output characteristics.
Table 125. Dynamics characteristics: USB ULPI
Symbol
Parameter
Condition
Min(1) Typ(1) Max(1)(2)(3) Unit
tSC
Control in (ULPI_DIR , ULPI_NXT) setup time
-
3.5
-
-
ns
tHC
Control in (ULPI_DIR, ULPI_NXT) hold time
-
2
-
-
tSD
Data in setup time
-
3
-
-
tHD
Data in hold time
-
0
-
-
tDC/tDD
Control/Datal output delay
2.7 < VDD < 3.6 V, CL=20 pF
-
7
8.5
1.71 < VDD < 3.6 V, CL=15 pF
-
9
13
1. Guaranteed by characterization results.
2. At VOS1, these values are degraded by up to 5 %.
3. For external ULPI transceivers operating at 1.8 V, check carefully the timing values for compatibility.
STM32H7B3xI
Operating conditions
DS13139 - Rev 8
page 181/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com