Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B0RB Datasheet(PDF) 202 Page - STMicroelectronics

Part # STM32H7B0RB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0RB Datasheet(HTML) 202 Page - STMicroelectronics

Back Button STM32H7B0RB Datasheet HTML 197Page - STMicroelectronics STM32H7B0RB Datasheet HTML 198Page - STMicroelectronics STM32H7B0RB Datasheet HTML 199Page - STMicroelectronics STM32H7B0RB Datasheet HTML 200Page - STMicroelectronics STM32H7B0RB Datasheet HTML 201Page - STMicroelectronics STM32H7B0RB Datasheet HTML 202Page - STMicroelectronics STM32H7B0RB Datasheet HTML 203Page - STMicroelectronics STM32H7B0RB Datasheet HTML 204Page - STMicroelectronics STM32H7B0RB Datasheet HTML 205Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 202 / 205 page
background image
Table 106. DFSDM measured timing 1.62-3.6 V .................................................... 143
Table 107. DCMI characteristics ............................................................... 146
Table 108. PSSI transmit characteristics .......................................................... 147
Table 109. PSSI receive characteristics .......................................................... 147
Table 110. LTDC characteristics ............................................................... 149
Table 111. TIMx characteristics ................................................................ 151
Table 112. LPTIMx characteristics .............................................................. 151
Table 113. Minimum i2c_ker_ck frequency in all I2C modes ............................................ 151
Table 114. I2C analog filter characteristics ........................................................ 152
Table 115. USART characteristics .............................................................. 152
Table 116. SPI dynamic characteristics........................................................... 154
Table 117. I2S dynamic characteristics ........................................................... 157
Table 118. SAI characteristics ................................................................. 159
Table 119. MDIO Slave timing parameters ........................................................ 161
Table 120. Dynamics characteristics: SDMMC characteristics, VDD=2.7 to 3.6 V .............................. 161
Table 121. Dynamics characteristics: eMMC characteristics VDD=1.71V to 1.9V .............................. 162
Table 122. Dynamics characteristics: USB OTG_FS.................................................. 164
Table 123. Dynamics characteristics: USB ULPI .................................................... 164
Table 124. Dynamics JTAG characteristics ........................................................ 165
Table 125. Dynamics SWD characteristics ........................................................ 165
Table 126. LQFP64 - Mechanical data ........................................................... 169
Table 127. LQFP100 - Mechanical data .......................................................... 173
Table 128. LQFP144 - Mechanical data .......................................................... 177
Table 129. LQFP176 - Mechanical data .......................................................... 181
Table 130. UFBGA169 - Mechanical data ......................................................... 185
Table 131. UFBGA169 - recommended PCB design rules (0.5 mm pitch BGA) ............................... 186
Table 132. UFBGA(176+25) - Mechanical data ..................................................... 188
Table 133. UFBGA(176+25) - Recommended PCB design rules (0.65 mm pitch BGA) .......................... 189
Table 134. Thermal characteristics.............................................................. 190
Table 135. Document revision history ............................................................ 193
STM32H7B0xB
List of tables
DS13196 - Rev 7
page 202/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com