Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32U545CEU6QTR Datasheet(PDF) 158 Page - STMicroelectronics

Part # STM32U545CEU6QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CEU6QTR Datasheet(HTML) 158 Page - STMicroelectronics

Back Button STM32U545CEU6QTR Datasheet HTML 154Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 155Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 156Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 157Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 158Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 159Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 160Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 161Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 283 page
background image
Table 54. Current consumption during wake-up from Stop 1 mode on SMPS
Symbol
Parameter
Conditions
Typ
Unit
-VDD (V)
25°C
QDD(wakeup from Stop 1)
Electrical charge consumed during wake-up from
Stop 1 mode
Wake-up clock is MSI 24 MHz
3.0
1.10
nAs
Wake-up clock is HSI 16 MHz
0.38
Wake-up clock is MSI 1 MHz
1.33
Table 55. Current consumption in Stop 2 mode on LDO
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
VDD (V)
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD(Stop 2)
Supply current in Stop 2
mode, RTC disabled,
8-Kbyte SRAM2 + ICACHE
retained
1.8
7.10
18.00
55.00
110.00 230.00
22.00
54.00
170.00 330.00
690.00
µA
2.4
7.60
19.50
55.50
115.00 230.00
23.00
59.00
170.00 350.00
690.00
3.0
7.80
21.50
56.00
115.00 230.00
24.00
65.00
170.00 350.00
690.00
3.3
7.85
22.00
57.00
115.00 235.00
24.00
66.00
180.00 350.00
710.00
3.6
8.30
21.00
58.50
120.00 240.00
25.00
63.00
180.00 360.00
720.00
Supply current in Stop 2
mode, RTC disabled,
All SRAMs retained
1.8
11.00
27.50
84.50
175.00 365.00
33.00
83.00
260.00 530.00
1100.00
2.4
11.50
29.00
85.50
175.00 365.00
35.00
87.00
260.00 530.00
1100.00
3.0
12.00
31.50
85.50
180.00 370.00
36.00
95.00
260.00 540.00
1200.00
3.3
12.00
32.50
86.50
180.00 370.00
36.00
98.00
260.00 540.00
1200.00
3.6
12.00
30.50
88.50
185.00 380.00
36.00
92.00
270.00 560.00
1200.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com