Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32U545CEU6QTR Datasheet(PDF) 172 Page - STMicroelectronics

Part # STM32U545CEU6QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CEU6QTR Datasheet(HTML) 172 Page - STMicroelectronics

Back Button STM32U545CEU6QTR Datasheet HTML 168Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 169Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 170Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 171Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 172Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 173Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 174Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 175Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 283 page
background image
IDD(Standby with
RTC)
Supply current in
Standby mode (backup
registers retained),
RTC enabled
RTC(2) clocked
by LSI 32 kHz,
no IWDG(3)
1.8
0.52
0.98
3.36
8.54
24.30
0.58
1.70
6.80
18.00
46.00
µA
2.4
0.62
1.10
3.58
8.93
25.20
0.73
1.90
7.30
19.00
49.00
3.0
0.78
1.39
4.16
9.98
27.30
1.00
2.50
8.60
21.00
53.00
3.3
1.03
1.84
5.04
11.40 29.90
1.60
3.50
11.00 25.00
59.00
3.6
1.66
2.84
6.82
14.10 34.40
3.10
5.90
15.00 31.00
69.00
RTC(2) clocked
by LSI 250 Hz,
no IWDG(3)
1.8
0.37
0.83
3.20
8.40
24.20
0.54
1.70
7.20
21.00
46.00
2.4
0.41
0.90
3.37
8.72
25.00
0.61
1.90
7.50
22.00
49.00
3.0
0.50
1.11
3.89
9.70
27.00
0.83
2.40
8.80
25.00
53.00
3.3
0.73
1.53
4.73
11.10 29.60
1.40
3.40
11.00 28.00
59.00
3.6
1.31
2.50
6.48
13.80 34.10
2.80
5.80
16.00 35.00
69.00
RTC(2) clocked
by LSE
bypassed at
32768 Hz
1.8
0.51
0.98
3.38
8.59
24.50
0.70
1.90
7.30
21.00
47.00
2.4
0.58
1.08
3.58
8.97
25.30
0.85
2.10
7.80
22.00
49.00
3.0
0.73
1.36
4.17
10.00 27.40
1.20
2.70
9.10
25.00
53.00
3.3
0.99
1.82
5.05
11.50 30.10
1.70
3.80
12.00 29.00
59.00
3.6
1.64
2.85
6.87
14.20 34.70
3.20
6.20
16.00 35.00
70.00
RTC(2) clocked
by LSE quartz
in low-drive
mode
1.8
0.62
1.11
3.52
8.60
22.10
-
-
-
-
-
2.4
0.66
1.18
3.70
8.97
22.90
-
-
-
-
-
3.0
0.76
1.40
4.23
9.92
24.80
-
-
-
-
-
3.3
0.99
1.83
5.07
11.30 27.20
-
-
-
-
-
3.6
1.59
2.81
6.82
14.00 31.50
-
-
-
-
-
Table 67. Current consumption in Standby mode (continued)
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
-VDD (V) 25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com