Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32U545CEU6QTR Datasheet(PDF) 177 Page - STMicroelectronics

Part # STM32U545CEU6QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CEU6QTR Datasheet(HTML) 177 Page - STMicroelectronics

Back Button STM32U545CEU6QTR Datasheet HTML 173Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 174Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 175Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 176Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 177Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 178Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 179Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 180Page - STMicroelectronics STM32U545CEU6QTR Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 283 page
background image
IDD(VBATwith
RTC)
Supply current in
VBAT mode (backup
registers retained),
RTC enabled
RTC(2) clocked by LSE
quartz in low-drive
mode,
RT C_CALR.LPCAL = 1
1.8
0.36
0.57
1.50
3.45
8.65
-
-
-
-
-
µA
2.4
0.39
0.60
1.55
3.55
8.85
-
-
-
-
-
3.0
0.43
0.67
1.70
3.80
9.30
-
-
-
-
-
3.3
0.51
0.80
1.95
4.15
9.85
-
-
-
-
-
3.6
0.70
1.10
2.40
4.80
11.00
-
-
-
-
-
IDD(BKPSRA
M)
Supply current to be
added in VBAT mode
when backup SRAM
is retained
-
1.8
0.14
0.24
0.55
1.05
2.00
0.26
0.53
1.50
3.00
5.90
2.4
0.15
0.24
0.55
1.05
2.30
0.27
0.54
1.50
3.00
6.80
3.0
0.15
0.23
0.50
1.05
2.35
0.27
0.51
1.40
3.00
6.90
3.3
0.15
0.23
0.50
1.05
2.35
0.29
0.51
1.40
3.00
6.90
3.6
0.16
0.24
0.55
1.05
2.50
0.31
0.56
1.50
3.00
7.40
1. Evaluated by characterization. Not tested in production.
2. RTC with default configuration except otherwise specified
Table 71. Current consumption in VBAT mode (continued)
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
-VBAT (V) 25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com