Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC584N80C3RSCBY Datasheet(PDF) 155 Page - STMicroelectronics

Part # SPC584N80C3RSCBY
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584N80C3RSCBY Datasheet(HTML) 155 Page - STMicroelectronics

Back Button SPC584N80C3RSCBY Datasheet HTML 150Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 151Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 152Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 153Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 154Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 155Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 156Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 157Page - STMicroelectronics SPC584N80C3RSCBY Datasheet HTML 158Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 155 / 158 page
background image
DS11734 Rev 6
155/158
SPC584Nx, SPC58ENx, SPC58NNx
Revision history
157
04-June-2019
5
Cover page: minor format changes.
Chapter 2: Package pinouts and signal descriptions:
– 2.: Pin descriptions: removed LVDS pins.
Chapter 3: Electrical characteristics:
Minor format changes.
Section 3.2: Absolute maximum ratings: minor format changes.
– Table 4: Absolute maximum ratings: added cross reference to footnote 3 to all
VDD_HV* and VIN.
Section 3.3: Operating conditions
Table 5: Operating conditions:
–TJ: for Max value = 165, changed to TJ_140 Grade and updated Classification
tag and Conditions.
–TJ: for Max value = 150, changed to TJ_125 Grade and updated Conditions.
–TA: for Max value = 125, changed to TA_125 Grade.
– Added row with TA_140 Grade.
Section 3.4: Electrostatic discharge (ESD): minor format changes.
Section 3.7: Device consumption
– Table 9: Device consumption: updated table footnote 4 and moved footnote 1
to Value column.
Section 3.9: Reset pad (PORST, ESR0) electrical characteristics
– Figure 5: Startup Reset requirements: deleted VDDMIN.
Section 3.10: PLLs
Table 20: PLL0 electrical characteristics:
– The maximum value of fPLL0PHI0 is changed from “400” to “FSYS” with a
footnote.
– Changed Condition from T to D for
|ΔPLL0PHI1SPJ|, ΔPLL0LTJ and IPLL0.
Section 3.11: Oscillators
– Table 22: External 40 MHz oscillator electrical specifications: table footnote 1
updated: “DCF clients XOSC_LF_EN and XOSC_EN_40MHZ” changed by
“XOSC_FREQ_SEL”.
– Table 23: Internal RC oscillator electrical specifications: updated Max value
for IFIRC.
Section 3.12: ADC system:
– Editorial and formatting changes.
– Figure 8: Input equivalent circuit (Fast SARn and SARB channels): added
parameter “CEXT: external capacitance” and component to scheme.
– Table 24: ADC pin specification: added row for symbol “CEXT / SR”.
Section 3.12.2: SAR ADC 12 bit electrical specification:
– Minor format and editorial changes.
– Table 25: SARn ADC electrical specification: created rows with Tj = 150°C
and 165°C for IADCREFH, IADCREFL and IADV_S.
Section 3.12.3: SAR ADC 10 bit electrical specification:
– Minor format changes.
– Table 26: ADC-Comparator electrical specification: created rows with Tj =
150°C and 165°C or IADCREFH, IADCREFL and IADV_S.
Table 81. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com