Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMDA48 Datasheet(PDF) 6 Page - Chicago Miniature Lamp,inc

Part # CMDA48
Description  Power LED (2.5 Watt)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CMDA48 Datasheet(HTML) 6 Page - Chicago Miniature Lamp,inc

  CMDA48 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 1 page
background image
Light Output Characteristics
1. Relative Light Output vs. Junction Temperature at IF=700mA, TA=25℃
18 0
16 0
14 0
12 0
10 0
80
60
40
20
W h ite P h o to m e tric
C y a n P h otom etric
Ro y a l B lu e Ra d io m e tric
G ree n P h oto m etric
B lu e P h oto m etric
0
0
2 0
4 0
6 0
8 0
10 0
12 0
J u nc tio n T e m p era tu re , T [
o C]
J
18 0
16 0
14 0
12 0
10 0
80
60
40
R e dP h o to m e tric
A m be r P h oto m etric
20
0
0
2 0
4 0
6 0
8 0
1 0 0
J u nc tio n T e m p era tu re , T [
o C]
J
6
Americas
Europe
147 Central Avenue
Robert Bunsen Str. 1
Hackensack, NJ 07601
D-67098 Bad Durkheim
(201) 489-8989
+49 (6322) 9567-0
www.cml-it.com
www.cml-it.com



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com