Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MK1709AGLF Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # MK1709AGLF
Description  LOW EMI CLOCK GENERATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MK1709AGLF Datasheet(HTML) 4 Page - Renesas Technology Corp

  MK1709AGLF Datasheet HTML 1Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 2Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 3Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 4Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 5Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 6Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 7Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 8Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MK1709
LOW EMI CLOCK GENERATOR
SSCG
IDT™ LOW EMI CLOCK GENERATOR
4
MK1709
REV M 051310
External Components
The MK1709 requires a minimum number of external
components for proper operation.
Decoupling Capacitor
A decoupling capacitor of 0.01µF must be connected
between VDD and GND on pins 2 and 3 for the MK1709S,
or pins 1 and 8 for the MK1709AG. Place the capacitor as
close to these pins as possible. For optimum device
performance, the decoupling capacitor should be mounted
on the component side of the PCB. Avoid the use of vias in
the decoupling circuit.
Series Termination Resistor
When the PCB trace between the clock output and the load
is over 1 inch, series termination should be used. To series
terminate a 50
Ωtrace (a commonly used trace impedance),
place a 33
Ωresistor in series with the clock line, as close to
the clock output pin as possible. The nominal impedance of
the clock output is 20
Ω.
Select Pin Operation
The S1, S0 select pins are 2-level, meaning they have three
separate states to make the selections shown in the table on
page 2.
PCB layout Recommendations
For optimum device performance and lowest output phase
noise, the following guidelines should be observed.
1) The 0.01µF decoupling capacitor should be mounted on
the component side of the board as close to the VDD pin as
possible. No vias should be used between the decoupling
capacitor and VDD pin. The PCB trace to VDD pin should
be kept as short as possible, as should the PCB trace to the
ground via.
2) Place a 33
Ω series termination resistor (if needed) close
to the clock output to minimize EMI.
3) An optimum layout is one with all components on the
same side of the board, minimizing vias through other signal
layers. Other signal traces should be routed away from the
MK1709. This includes signal traces just underneath the
device, or on layers adjacent to the ground plane layer used
by the device.


Similar Part No. - MK1709AGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1709AGLF ICST-MK1709AGLF Datasheet
169Kb / 9P
Low EMI Clock Generator
MK1709AGLFTR ICST-MK1709AGLFTR Datasheet
169Kb / 9P
Low EMI Clock Generator
More results

Similar Description - MK1709AGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
Low EMI Clock Generator
logo
Renesas Technology Corp
ICS181-01 RENESAS-ICS181-01 Datasheet
292Kb / 9P
LOW EMI CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
ICS18002 ICST-ICS18002 Datasheet
100Kb / 6P
Low EMI Clock Generator
ICS18001 ICST-ICS18001 Datasheet
103Kb / 7P
Low EMI Clock Generator
logo
Renesas Technology Corp
MK1704A RENESAS-MK1704A Datasheet
344Kb / 8P
LOW EMI CLOCK GENERATOR
051310
IDT5V50015 RENESAS-IDT5V50015 Datasheet
364Kb / 10P
LOW EMI CLOCK GENERATOR
031109
ICS4231-03 RENESAS-ICS4231-03 Datasheet
312Kb / 8P
LOW EMI CLOCK GENERATOR
051310
MK5811 RENESAS-MK5811 Datasheet
248Kb / 8P
LOW EMI CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
MK1707D ICST-MK1707D Datasheet
134Kb / 7P
Low EMI Clock Generator
ICS18003 ICST-ICS18003 Datasheet
99Kb / 6P
Low EMI Clock Generator
ICS18101 ICST-ICS18101 Datasheet
103Kb / 7P
Low EMI Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com