Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MK1709AGLF Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # MK1709AGLF
Description  LOW EMI CLOCK GENERATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MK1709AGLF Datasheet(HTML) 5 Page - Renesas Technology Corp

  MK1709AGLF Datasheet HTML 1Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 2Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 3Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 4Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 5Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 6Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 7Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 8Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MK1709
LOW EMI CLOCK GENERATOR
SSCG
IDT™ LOW EMI CLOCK GENERATOR
5
MK1709
REV M 051310
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the MK1709. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range. Typical values are at 25
° C.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V, Ambient Temperature 0 to +85
° C
Item
Rating
Supply Voltage, VDD (referenced to GND)
5 V
All Inputs and Outputs (referenced to GND)
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
0 to +85
° C
Storage Temperature
-65 to +150
° C
Soldering Temperature (maximum of 10 seconds)
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+85
° C
Power Supply Voltage (measured in respect to GND)
+3.135
+3.6
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.135
3.465
V
Supply Current (MK1709S)
IDD
No load, at 3.3 V
20
mA
Supply Current (MK1709AG)
IDD
No load, 50M
13
µA
IDD
No load, 150M
23
Input High Voltage (ICLK)
VIH
(VDD/2)+1
VDD/2
V
Input High Voltage (S1, S0)
VIH
VDD-0.5
V
Input High Voltage (other inputs)
VIH
2V
Input Low Voltage (ICLK)
VIL
VDD/2
(VDD/2)-1
V
Input Low Voltage
VIL
0.5
V
Output High Voltage (CMOS)
VOH
IOH = -4mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Input Capacitance
CIN
S0, S1, S2, LEE pins
7
pF


Similar Part No. - MK1709AGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1709AGLF ICST-MK1709AGLF Datasheet
169Kb / 9P
Low EMI Clock Generator
MK1709AGLFTR ICST-MK1709AGLFTR Datasheet
169Kb / 9P
Low EMI Clock Generator
More results

Similar Description - MK1709AGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
Low EMI Clock Generator
logo
Renesas Technology Corp
ICS181-01 RENESAS-ICS181-01 Datasheet
292Kb / 9P
LOW EMI CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
ICS18002 ICST-ICS18002 Datasheet
100Kb / 6P
Low EMI Clock Generator
ICS18001 ICST-ICS18001 Datasheet
103Kb / 7P
Low EMI Clock Generator
logo
Renesas Technology Corp
MK1704A RENESAS-MK1704A Datasheet
344Kb / 8P
LOW EMI CLOCK GENERATOR
051310
IDT5V50015 RENESAS-IDT5V50015 Datasheet
364Kb / 10P
LOW EMI CLOCK GENERATOR
031109
ICS4231-03 RENESAS-ICS4231-03 Datasheet
312Kb / 8P
LOW EMI CLOCK GENERATOR
051310
MK5811 RENESAS-MK5811 Datasheet
248Kb / 8P
LOW EMI CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
MK1707D ICST-MK1707D Datasheet
134Kb / 7P
Low EMI Clock Generator
ICS18003 ICST-ICS18003 Datasheet
99Kb / 6P
Low EMI Clock Generator
ICS18101 ICST-ICS18101 Datasheet
103Kb / 7P
Low EMI Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com