Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MK1709AGLF Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # MK1709AGLF
Description  LOW EMI CLOCK GENERATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MK1709AGLF Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button MK1709AGLF Datasheet HTML 2Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 3Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 4Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 5Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 6Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 7Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 8Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 9Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MK1709
LOW EMI CLOCK GENERATOR
SSCG
IDT™ LOW EMI CLOCK GENERATOR
6
MK1709
REV M 051310
AC Electrical Characteristics (MK1709S)
Unless stated otherwise, VDD = 3.3 V, Ambient Temperature 0 to +85
° C
AC Electrical Characteristics (MK1709AG)
Unless stated otherwise, VDD = 3.3 V, Ambient Temperature 0 to +85
° C
Spread Spectrum Modulation Rate
For 40 to 50 MHz selections, modulation rate = input frequency/1028; for 50 to 100 MHz selections, modulation rate
= input frequency/2056; for 100 to 165 MHz selections, modulation rate = input frequency/4112.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input/Output Clock Frequency
40
167
MHz
Input Clock Duty Cycle
Time above VDD/2
20
80
%
Output Clock Duty Cycle
Time above 1.5 V
40
50
60
%
Output Clock Rise Time
tOR
0.8 to 2.0V
1.5
ns
Output Clock Fall Time
tOF
2.0 to 0.8V
1.5
ns
EMI Peak Frequency Reduction
3rd - 19th odd
harmonics
7 to 14
dB
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input/Output Clock Frequency
25
165
MHz
Input Clock Duty Cycle
Time above VDD/2
20
80
%
Output Clock Duty Cycle
Time above 1.5 V,
40 MHz - 100 MHz
40
50
55
%
Time above 1.5 V,
100 MHz - 150 MHz
45
%
Time above 1.5 V,
>150 MHz
35
%
Output Clock Rise Time
tOR
0.8 to 2.0V
1.5
ns
Output Clock Fall Time
tOF
2.0 to 0.8V
1.5
ns
EMI Peak Frequency Reduction
3rd - 19th odd
harmonics
7 to 14
dB


Similar Part No. - MK1709AGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1709AGLF ICST-MK1709AGLF Datasheet
169Kb / 9P
Low EMI Clock Generator
MK1709AGLFTR ICST-MK1709AGLFTR Datasheet
169Kb / 9P
Low EMI Clock Generator
More results

Similar Description - MK1709AGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
Low EMI Clock Generator
MK1707D ICST-MK1707D Datasheet
134Kb / 7P
Low EMI Clock Generator
ICS18001 ICST-ICS18001 Datasheet
103Kb / 7P
Low EMI Clock Generator
ICS18002 ICST-ICS18002 Datasheet
100Kb / 6P
Low EMI Clock Generator
ICS18003 ICST-ICS18003 Datasheet
99Kb / 6P
Low EMI Clock Generator
ICS18101 ICST-ICS18101 Datasheet
103Kb / 7P
Low EMI Clock Generator
logo
Renesas Technology Corp
MK1704A RENESAS-MK1704A Datasheet
344Kb / 8P
LOW EMI CLOCK GENERATOR
051310
MK5811 RENESAS-MK5811 Datasheet
248Kb / 8P
LOW EMI CLOCK GENERATOR
051310
IDT5V50015 RENESAS-IDT5V50015 Datasheet
364Kb / 10P
LOW EMI CLOCK GENERATOR
031109
ICS181-01 RENESAS-ICS181-01 Datasheet
292Kb / 9P
LOW EMI CLOCK GENERATOR
051310
ICS4231-03 RENESAS-ICS4231-03 Datasheet
312Kb / 8P
LOW EMI CLOCK GENERATOR
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com