Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MK1709AGLF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # MK1709AGLF
Description  LOW EMI CLOCK GENERATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MK1709AGLF Datasheet(HTML) 1 Page - Renesas Technology Corp

  MK1709AGLF Datasheet HTML 1Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 2Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 3Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 4Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 5Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 6Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 7Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 8Page - Renesas Technology Corp MK1709AGLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATASHEET
LOW EMI CLOCK GENERATOR
MK1709
IDT™ LOW EMI CLOCK GENERATOR
1
MK1709
REV M 051310
Description
The MK1709 generates a low EMI output clock from a clock
input. The part is designed to dither the LCD interface clock
for flat panel graphics controllers. The device uses IDT’s
proprietary mix of analog and digital Phase Locked Loop
(PLL) technology to spread the frequency spectrum of the
output, thereby reducing the frequency amplitude peaks by
several dB.
The MK1709 offers centered spread from a high speed
clock input. Refer to the MK1714-01/02 for a crystal input
and the widest selection of input frequencies and
multipliers.
IDT offers many other clocks for computers and computer
peripherals. Consult us when you need to remove crystals
and oscillators from your board.
Features
• Packaged in 8-pin SOIC (MK1709S) and in 8-pin TSSOP
(MK1709AG)
• Pb-free package
• Provides a spread spectrum output clock
• Supports flat panel controllers
• Guaranteed to +85° C operation
• Accepts a clock input, provides same frequency dithered
output
• Good for all VGA modes from 40 to 167 MHz
• Peak reduction by 7dB - 14dB typical on 3rd - 19th odd
harmonics
• Low EMI feature can be disabled
• Includes power-down
• Operating voltage of 3.3 V
• Advanced, low-power CMOS process
Block Diagram
PLL Clock
Synthesis
and Spread
Spectrum
Circuitry
ICLK
Input
Buffer
S0
Low EMI Enable
Clock Out
GND
VDD
S1
S2


Similar Part No. - MK1709AGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1709AGLF ICST-MK1709AGLF Datasheet
169Kb / 9P
Low EMI Clock Generator
MK1709AGLFTR ICST-MK1709AGLFTR Datasheet
169Kb / 9P
Low EMI Clock Generator
More results

Similar Description - MK1709AGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
Low EMI Clock Generator
logo
Renesas Technology Corp
ICS181-01 RENESAS-ICS181-01 Datasheet
292Kb / 9P
LOW EMI CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
ICS18002 ICST-ICS18002 Datasheet
100Kb / 6P
Low EMI Clock Generator
ICS18001 ICST-ICS18001 Datasheet
103Kb / 7P
Low EMI Clock Generator
logo
Renesas Technology Corp
MK1704A RENESAS-MK1704A Datasheet
344Kb / 8P
LOW EMI CLOCK GENERATOR
051310
IDT5V50015 RENESAS-IDT5V50015 Datasheet
364Kb / 10P
LOW EMI CLOCK GENERATOR
031109
ICS4231-03 RENESAS-ICS4231-03 Datasheet
312Kb / 8P
LOW EMI CLOCK GENERATOR
051310
MK5811 RENESAS-MK5811 Datasheet
248Kb / 8P
LOW EMI CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
MK1707D ICST-MK1707D Datasheet
134Kb / 7P
Low EMI Clock Generator
ICS18003 ICST-ICS18003 Datasheet
99Kb / 6P
Low EMI Clock Generator
ICS18101 ICST-ICS18101 Datasheet
103Kb / 7P
Low EMI Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com