Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H742VG Datasheet(PDF) 275 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 275 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 271Page - STMicroelectronics STM32H742VG Datasheet HTML 272Page - STMicroelectronics STM32H742VG Datasheet HTML 273Page - STMicroelectronics STM32H742VG Datasheet HTML 274Page - STMicroelectronics STM32H742VG Datasheet HTML 275Page - STMicroelectronics STM32H742VG Datasheet HTML 276Page - STMicroelectronics STM32H742VG Datasheet HTML 277Page - STMicroelectronics STM32H742VG Datasheet HTML 278Page - STMicroelectronics STM32H742VG Datasheet HTML 279Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 357 page
background image
DS12110 Rev 10
275/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev V)
320
Figure 90. QUADSPI timing diagram - SDR mode
Table 182. QUADSPI characteristics in DDR mode(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fck11/TCK
QUADSPI clock frequency
2.7<VDD<3.6 V
CL = 20 pF
--
100
MHz
1.62<VDD<3.6 V
CL = 15 pF
--
100
tw(CKH)
QUADSPI clock high and
low time Even division
PRESCALER[7:0] =
n = 0,1,3,5...
TCK/2–0.5
-
TCK/2
ns
tw(CKL)
TCK/2
-
TCK/2+0.5
tw(CKH)
QUADSPI clock high and
low time Odd division
PRESCALER[7:0] =
n = 2,4,6,8...
(n/2)*TCK/
(n+1)-0.5
-
(n/2)*TCK/
(n+1)
tw(CKL)
(n/2+1)*TCK/
(n+1)
-
(n/2+1)*TCK /
(n+1)+0.5
tsr(IN), tsf(IN)
Data input setup time
2.7<VDD<3.6 V
2.5
-
-
1.62<VDD<3.6 V
1.5
-
-
thr(IN),thf(IN)
Data input hold time
2.7<VDD<3.6 V
1
-
-
1.62<VDD<3.6 V
2.5
tvr(OUT),
tvf(OUT)
Data output valid time
DHHC=0
-
5
6
DHHC=1
PRESCALER[7:0] =
1,2…
-TCK/4+1
TCK/4+2
thr(OUT),
thf(OUT)
Data output hold time
DHHC=0
3
-
-
DHHC=1
PRESCALER[7:0]=1
,2…
TCK/4
-
-
1. Guaranteed by characterization results.
MSv36878V1
Data output
D0
D1
D2
Clock
Data input
D0
D1
D2
t(CK)
tw(CKH)
tw(CKL)
tr(CK)
tf(CK)
ts(IN)
th(IN)
tv(OUT)
th(OUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com