Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H742AI Datasheet(PDF) 224 Page - STMicroelectronics

Part # STM32H742AI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742AI Datasheet(HTML) 224 Page - STMicroelectronics

Back Button STM32H742AI Datasheet HTML 220Page - STMicroelectronics STM32H742AI Datasheet HTML 221Page - STMicroelectronics STM32H742AI Datasheet HTML 222Page - STMicroelectronics STM32H742AI Datasheet HTML 223Page - STMicroelectronics STM32H742AI Datasheet HTML 224Page - STMicroelectronics STM32H742AI Datasheet HTML 225Page - STMicroelectronics STM32H742AI Datasheet HTML 226Page - STMicroelectronics STM32H742AI Datasheet HTML 227Page - STMicroelectronics STM32H742AI Datasheet HTML 228Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 357 page
background image
Electrical characteristics (rev V)
STM32H742xI/G STM32H743xI/G
224/357
DS12110 Rev 10
Table 137. Peripheral current consumption in Run mode
Bus
Peripheral
VOS0
VOS1
VOS2
VOS3
Unit
AHB3
MDMA
4.6
3.8
3.4
3.2
µA/MHz
DMA2D
2.9
2.4
2.1
1.9
JPGDEC
4.1
3.7
3.4
3.1
FLASH
17.0
15.0
14.0
12.0
FMC registers
0.9
1.1
0.9
0.8
FMC kernel
7.0
6.1
5.6
5.0
QUADSPI registers
1.5
1.5
1.4
1.3
QSPI kernel
1.0
0.9
0.8
0.7
SDMMC1 registers
8.2
7.2
6.7
6.0
SDMMC1 kernel
1.3
1.2
0.9
0.9
DTCM1
7.9
6.8
6.0
5.3
DTCM2
8.3
7.2
6.4
5.7
ITCM
7.0
6.3
5.6
5.1
D1SRAM1
13.0
11.0
9.9
8.7
AHB3 bridge
35.0
32.0
29.0
26.0
Total AHB3
120
106
96
86
AHB1
DMA1
54.0
48.0
41.0
37.0
DMA2
55.0
49.0
42.0
37.0
ADC12 registers
4.5
4.1
3.7
3.3
ADC12 kernel
1.0
0.7
0.4
0.6
ART accelerator
4.1
3.7
3.2
2.9
ETH1MAC
17.0
15.0
14.0
12.0
ETH1TX
0.1
0.1
0.1
0.1
ETH1RX
0.1
0.1
0.1
0.1
USB1 OTG registers
23.0
21.0
19.0
17.0
USB1 OTG kernel
8.2
0.5
8.3
8.2
USB1 ULPI
0.1
0.1
0.1
0.1
USB2 OTG registers
21.0
19.0
17.0
15.0
USB2 OTG kernel
8.5
0.4
8.6
8.3
USB2 ULPI
23.0
19.0
20.0
19.0
AHB1 bridge
0.1
0.1
0.1
0.1
Total AHB1
220
181
178
161



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com