Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR4955F Datasheet(PDF) 128 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 128 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 124Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 125Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 126Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 127Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 128Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 129Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 130Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 131Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 132Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 168 page
background image
Chapter 6 TX4955A System Interface
6-56
6.3.15
Starvation and Deadlock Avoidance.
Careful use of the EReq
EReq
EReq
EReq* signal allows a system to avoid starvation and deadlock
situations.
Whenever an external agent needs the bus, it can request the bus by asserting EReq
EReq
EReq
EReq*.
The external agent is guaranteed to gain mastership of the bus after accepting at most one
read/write request from the processor. If the external agent also deasserts EOK
EOK
EOK
EOK*, it is
guaranteed to gain mastership of the bus without accepting any read/write request from
the processor.
The external agent can allow the processor to gain bus mastership, perform one
read/write request and then relinquish mastership by the following sequence of actions:
1.
deassert EReq
EReq
EReq
EReq*
2.
assert EReq
EReq
EReq
EReq*
3.
arbitrate for the bus while asserting EOK
EOK
EOK
EOK*
The minimum deassertion of EReq
EReq
EReq
EReq* can be one cycle in length.
shows an external agent relinquishing the bus to allow a single read/write request from
the processor. The external agent must be ready to accept this request by keeping EOK
EOK
EOK
EOK*
asserted, otherwise the read/write request is held off or killed and the processor
relinquishes bus mastership without extending a request. This could lead to starvation of
the processor.
EOD
Data
Data 0 Data 1
Write
Addr
8
611
10
9
7
5
4
3
2
1
SysAD
SCycle
SClock
SysCmd
PValid*
EOK*
EReq*
PMaster*
Figure 6.3.30 External Agent Gives Up Bus for One Processor Request
6.3.16
Discarding and Re-Executing Read Command
Figure 6.3.31 illustrates how a processor single read request is discarded and reexecuted.
The following sequence describes the protocol.
•
Because the EOK
EOK
EOK
EOK* signal is low in cycle 5, the processor tries to issue an address
(cycle 6).
•
If the EOK
EOK
EOK
EOK* signal is high at this point, the processor discards this read request
and enters the slave status in the next cycle.
•
Because the EReq
EReq
EReq
EReq* signal is inactive, the processor returns to the master status
again and reissues a read request. Because the EOK
EOK
EOK
EOK* signal is low in both the
cycles 7 and 8, the issuance cycle of the read request is determined.
•
The external agent outputs data at the requsted address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com