Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68340 Datasheet(PDF) 224 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 224 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 220Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 221Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 222Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 223Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 224Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 225Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 226Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 227Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 228Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
5- 87
5.6.2.8.16 Future Commands. Unassigned command opcodes are reserved by Motorola
for future expansion. All unused formats within any revision level will perform a NOP and
return the ILLEGAL command response.
5.6.3 Deterministic Opcode Tracking
The CPU32 utilizes deterministic opcode tracking to trace program execution. Two
signals,
IPIPE and IFETCH, provide all information required to analyze instruction pipeline
operation.
5.6.3.1 INSTRUCTION FETCH (
IFETCH). IFETCH indicates which bus cycles are
accessing data to fill the instruction pipeline.
IFETCH is pulse-width modulated to
multiplex two indications on a single pin. Asserted for a single clock cycle,
IFETCH
indicates that the data from the current bus cycle is to be routed to the instruction pipeline.
IFETCH held low for two clock cycles indicates that the instruction pipeline has been
flushed. The data from the bus cycle is used to begin filling the empty pipeline. Both user
and supervisor mode fetches are signaled by
IFETCH.
Proper tracking of bus cycles via
IFETCH on a fast bus requires a simple state machine.
On a two-clock bus,
IFETCH may signal a pipeline flush with associated prefetch followed
immediately by a second prefetch. That is,
IFETCH remains asserted for three clocks, two
clocks indicating the flush/fetch and a third clock signaling the second fetch. These two
operations are easily discerned if the tracking logic samples
IFETCH on the two rising
edges of CLKOUT, which follow the
AS (DS during show cycles) falling edge. Three-clock
and slower bus cycles allow time for negation of the signal between consecutive
indications and do not experience this operation.
5.6.3.2 INSTRUCTION PIPE (
IPIPE). The internal instruction pipeline can be modeled as
a three-stage FIFO (see Figure 5-28). Stage A is an input buffer—data can be used out of
stages B and C.
IPIPE signals advances of instructions in the pipeline.
Instruction register A (IRA) holds incoming words as they are prefetched. No decoding
takes place in the buffer. Instruction register B (IRB) provides initial decoding of the
opcode and decoding of extension words; it is a source of immediate data. Instruction
register C (IRC) supplies residual opcode decoding during instruction execution.
.
I
R
C
DATA
BUS
EXTENSION
WORDS
OPCODES
RESIDUAL
I
R
B
I
R
A
Figure 5-28. Functional Model of Instruction Pipeline
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com