Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68340 Datasheet(PDF) 252 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 252 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 248Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 249Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 250Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 251Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 252Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 253Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 254Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 255Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 256Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 441 page
background image
6- 2
MC68340 USER’S MANUAL
MOTOROLA
6.1 DMA MODULE OVERVIEW
The main purpose of the DMA controller module is to transfer data at very high rates,
usually much faster than the CPU32 under software control can handle. The term DMA is
used to refer to the ability of a peripheral device to access memory in a system in the
same manner as a microprocessor does. DMA operations can greatly increase overall
system performance.
The MC68340 DMA module consists of two, independent, programmable channels. The
term DMA is used throughout this section to reference either channel 1 or channel 2 since
the two are functionally equivalent. Each channel has independent request, acknowledge,
and done signals. However, both channels cannot own the bus at the same time.
Therefore, it is impossible to implicitly address both DMA channels at the same time. The
MC68340 on-chip peripherals do not support the single-address transfer mode.
DMA requests may be internally generated by the channel or externally generated by a
device. For an internal request, the amount of bus bandwidth allocated for the DMA can
be programmed. The DMA channels support two external request modes: burst mode and
cycle steal mode.
The DMA controller supports single- and dual-address transfers. In single-address mode,
a channel supports 32 bits of address and 32 bits of data. Only an external request can be
used to start a transfer in the single-address mode. The DMA provides address and
control signals during a single-address transfer. The requesting device either sends or
receives data to or from the specified address (see Figure 6-2). In dual-address mode, a
channel supports 32 bits of address and 16 bits of data. The dual-address transfers can
be started by either the internal request mode or by an external device using the request
signal. In this mode, two bus transfers occur, one from a source device and the other to a
destination device (see Figure 6-3). In dual-address mode, operands are packed or
unpacked according to port sizes and addresses.
Any operation involving the DMA will follow the same basic steps: channel initialization,
data transfer, and channel termination. In the channel initialization step, the DMA channel
registers are loaded with control information, address pointers, and a byte transfer count.
The channel is then started. During the data transfer step, the DMA accepts requests for
operand transfers and provides addressing and bus control for the transfers. The channel
termination step occurs after operation is complete. The channel indicates the status of
the operation in the channel status register.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com