Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68340 Datasheet(PDF) 276 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 276 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 272Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 273Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 274Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 275Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 276Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 277Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 278Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 279Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 280Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 441 page
background image
6- 26
MC68340 USER’S MANUAL
MOTOROLA
The reset value of the IARB field is $0, which prevents the DMA module from arbitrating
during the interrupt acknowledge cycle. The system software should initialize the IARB
field to a value from $F (highest priority) to $1 (lowest priority).
NOTE
The DMA module uses only one set of IARB bits for both
channels. A read or write to either MCR accesses the same
IARB control bits.
6.7.2 Interrupt Register (INTR)
The INTR contains the priority level for the channel interrupt request and the 8-bit vector
number of the interrupt. The register can be read or written to at any time while in
supervisor mode and while the DMA module is enabled (i.e., the STP bit in the MCR is
cleared).
INTR1, INTR2
$784, $7A4
15
14
13
12
11
10
9876543210
00000
INTL
INTV
RESET:
0000000000001111
Supervisor Only
Bits 15–11—Reserved
INTL—Interrupt Level Bits
Each module that can generate interrupts has an interrupt level field. The interrupt level
field contains the priority level of the interrupt for its associated channel. The priority
level encoded in these bits is sent to the CPU32 on the appropriate
IRQ
≈ signal. The
CPU32 uses this value to determine servicing priority. See Section 5 CPU32 for more
information.
INTV—Interrupt Vector Bits
Each module that can generate interrupts has an interrupt vector field. The interrupt
vector field contains the vector number of the interrupt for its associated channel. This
8-bit number indicates the offset from the base of the vector table where the address of
the exception handler for the specified interrupt is located. The INTV field is reset to
$0F, which indicates an uninitialized interrupt condition. See Section 5 CPU32 for more
information.
6.7.3 Channel Control Register (CCR)
The CCR controls the configuration of the DMA channel. This register is accessible in
either supervisor or user space. The CCR can always be read or written to when the DMA
module is enabled (i.e., the STP bit in the MCR is cleared).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com