Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68340 Datasheet(PDF) 286 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 286 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 282Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 283Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 284Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 285Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 286Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 287Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 288Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 289Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 290Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 441 page
background image
6- 36
MC68340 USER’S MANUAL
MOTOROLA
For normal transfers aligned with the size and address, only two bus cycles are required
for each transfer: a read from the source and a write to the destination.
6.9 DMA CHANNEL INITIALIZATION SEQUENCE
The following paragraphs describe DMA channel initialization and operation. If the DMA
capability of the MC68340 is being used, the initialization steps should be performed
during the part initialization sequence. The mode operation steps should be performed to
start a DMA transfer. The
DONE
≈ pin requires an external pullup resistor even if operating
only in the internal request mode.
6.9.1 DMA Channel Configuration
The following steps can be accomplished in any order when initializing the DMA channel.
These steps need to be performed for each channel used.
Module Configuration Register (MCR)
• Clear the stop bit (STP) for normal operation. (Only one STP bit exists for both
channels.)
• Select whether to respond to or ignore FREEZE (FRZx bits). (Only one set of FRZx
bits exits for both channels.)
• If desired, enable the external data bus operation in single-address mode (SE bit).
• Program the interrupt service mask to set the level below which interrupts are ignored
during a DMA transfer (ISM bits). The channel will begin operation when the level of
the CPU32 SR I2-I0 bits is less than or equal to the level of the DMA ISM bits.
• Select the access privilege for the supervisor/user registers (SUPV bit).
• Program the master arbitration ID (MAID) to establish priority on the IMB between
both DMA channels. Note that the two DMA channels should have distinct MAIDs if
both channels are being used. (If they are programmed the same, channel 1 has
priority.)
• Select the interrupt arbitration level for the DMA channel (IARB bits). (Only one set of
IARB bits exits for both channels.)
Interrupt Register (INTR)
• Program the interrupt priority level for the channel interrupt (INTL bits).
• Program the vector number for the channel interrupt (INTV bits).
Channel Control Register (CCR)
• If desired, enable the interrupt when breakpoint is recognized and the channel is the
bus master (INTB bit).
• If desired, enable the interrupt when done without an error condition (INTN bit).
• If desired, enable the interrupt when the channel encounters an error (INTE bit).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com