Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68340 Datasheet(PDF) 105 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 105 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 101Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 102Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 103Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 104Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 105Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 106Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 107Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 108Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 109Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 441 page
background image
4- 8
MC68340 USER’S MANUAL
MOTOROLA
4.2.2.6.1 Periodic Timer Period Calculation. The period of the periodic timer can be
calculated using the following equation:
PITR count value
periodic interrupt timer period
=
EXTAL frequency/prescaler value
22
Solving the equation using a crystal frequency of 32.768-kHz with the prescaler disabled
gives:
PITR count value
periodic interrupt timer period
=
32768/1
22
periodic interrupt timer period
=
PITR count value
8192
This gives a range from 122
µs, with a PITR value of $01 (00000001 binary), to 31.128
ms, with a PITR value of $FF (11111111 binary).
Solving the equation with the prescaler enabled (PTP=1 in the PITR) gives the following
values:
PITR count value
periodic interrupt timer period
=
32768/512
22
periodic interrupt timer period
=
PITR count value
16
This gives a range from 62.5 ms, with a PITR value of $01, to 15.94 s, with a PITR value
of $FF.
For fast calculation of periodic timer period using a 32.768-kHz crystal, the following
equations can be used:
With prescaler disabled:
programmable interrupt timer period
=
PITR (122
µs)
With prescaler enabled:
programmable interrupt timer period
=
PITR (62.5 ms)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com