| Electronic Components Datasheet Search |
|
TMPR4925 Datasheet(PDF) 270 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4925 Datasheet(HTML) 270 Page - Toshiba Semiconductor |
|
270 / 590 page ![]() Chapter 10 PCI Controller 10-8 • Special Cycle This command issues specially cycles as the initiator only when in the Host mode. This command issues special cycles on the PCI Bus when writing to the G2P Special Cycle Data Register (G2PSPC). The written value is output as the special cycle data. The TX4925 does not support special cycles as the target. 10.3.4 Initiator Access (G-Bus → PCI Bus address conversion) During PCI initiator access, the G-Bus address of the Burst transaction issued by the G-Bus that was converted into the PCI Bus address is used to issue a Burst transaction on the PCI Bus. 32-bit physical address (G-Bus addresses) are used on the G-Bus. Also, 32-bit PCI Bus addresses are used on the PCI Bus. Three memory access windows and one I/O access window can be set in the G-Bus space (Figure 10.3.3). The size of each window is variable from 256 bytes to 512 Mbytes. When Burst transactions are issued to these access windows on the G-Bus, then that G-Bus address is converted into a PCI Bus address that is used to issue a Burst transaction to the PCI Bus as the initiator. PCI memory access is issued when the access window is the memory access window. PCI I/O access is issued when the access window is the I/O access window. Figure 10.3.3 Initiator Access Memory Window 0x0000_0000 0xFFFF_FFFF 0x0000_0000 0x00_0000_0000 0xFFFF_FFFF 0xFFFF_FFFF PCI I/O Space G-Bus Space PCI Memory Space Memory Access Window I/O Access Window |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |