Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD17708 Datasheet(PDF) 294 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 294 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 290Page - Renesas Technology Corp UPD17708 Datasheet HTML 291Page - Renesas Technology Corp UPD17708 Datasheet HTML 292Page - Renesas Technology Corp UPD17708 Datasheet HTML 293Page - Renesas Technology Corp UPD17708 Datasheet HTML 294Page - Renesas Technology Corp UPD17708 Datasheet HTML 295Page - Renesas Technology Corp UPD17708 Datasheet HTML 296Page - Renesas Technology Corp UPD17708 Datasheet HTML 297Page - Renesas Technology Corp UPD17708 Datasheet HTML 298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 358 page
background image
292
µPD17704, 17705, 17707, 17708, 17709
20. STANDBY
The standby function is used to reduce the current consumption of the device while the device is backed up.
20.1 Outline of Standby Function
Figure 20-1 outlines the standby block.
The standby function reduces the current consumption of the device by partly or totally stopping the device
operation.
The following three types of standby functions are available for selection as the application requires.
•
Halt function
•
Clock stop function
•
Device operation control function by CE pin
The halt function reduces the current consumption of the device by stopping the CPU operation by using a dedicated
instruction “HALT h”.
The clock stop function reduces the current consumption of the device by stopping the oscillation of the oscillation
circuit by using a dedicated instruction “STOP s”.
The CE pin can be said to be one of the standby functions because it can be used to control the operation of the
PLL frequency synthesizer and to reset the device.
Figure 20-1. Outline of Standby Block
Interrupt control block
BTM0CY
P0D3/AD3
P0D2/AD2
P0D1/AD1
P0D0/AD0
Oscillation circuit
XOUT
XIN
Halt control circuit
HALT h
Clock stop
control circuit
STOP s
CPU
Program counter
ALU
System register
Control register
Instruction decoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com