Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD17708 Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 169Page - Renesas Technology Corp UPD17708 Datasheet HTML 170Page - Renesas Technology Corp UPD17708 Datasheet HTML 171Page - Renesas Technology Corp UPD17708 Datasheet HTML 172Page - Renesas Technology Corp UPD17708 Datasheet HTML 173Page - Renesas Technology Corp UPD17708 Datasheet HTML 174Page - Renesas Technology Corp UPD17708 Datasheet HTML 175Page - Renesas Technology Corp UPD17708 Datasheet HTML 176Page - Renesas Technology Corp UPD17708 Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 358 page
background image
171
µPD17704, 17705, 17707, 17708, 17709
SUBC
DBF1, #TM01200 SHR4 AND 0FH
SKT1
CY
; 1200
µs or more?
BR
BBB
Processing C
BR
EI_RETI
BBB:
Processing B
EI_RETI:
GET
DBF, DBFSTK
; Restores data buffer
EI
RETI
; Return
END
13.3.5 Error of timer 0
Timer 0 has an error of up to 1 basic clock in the following cases.
(1) On starting/stopping counter
The counter is started or stopped by ANDing the open/close condition of the gate and TM0EN flag setting
condition.
Therefore, an error of 0 to +1 clocks occurs when the gate is opened or the TM0EN flag is set, and an
error of –1 to 0 clocks occurs when the gate is closed or the flag is reset.
In all, an error of
±1 count occurs.
(2) On resetting counter operation
An error of 0 to +1 clocks occurs when the counter is reset.
(3) On selecting basic clock during counter operation
An error of 0 to +1 clocks of the newly selected clock occurs.
13.3.6 Cautions on using timer 0
Timer 0 interrupt may occur simultaneously with the other timer interrupts and CE reset. If it is necessary
to update the timer at CE reset, do not use timer 0, use basic timer 0 instead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com