Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7FL19F1MCRE Datasheet(PDF) 126 Page - STMicroelectronics

Part # ST7FL19F1MCRE
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL19F1MCRE Datasheet(HTML) 126 Page - STMicroelectronics

Back Button ST7FL19F1MCRE Datasheet HTML 122Page - STMicroelectronics ST7FL19F1MCRE Datasheet HTML 123Page - STMicroelectronics ST7FL19F1MCRE Datasheet HTML 124Page - STMicroelectronics ST7FL19F1MCRE Datasheet HTML 125Page - STMicroelectronics ST7FL19F1MCRE Datasheet HTML 126Page - STMicroelectronics ST7FL19F1MCRE Datasheet HTML 127Page - STMicroelectronics ST7FL19F1MCRE Datasheet HTML 128Page - STMicroelectronics ST7FL19F1MCRE Datasheet HTML 129Page - STMicroelectronics ST7FL19F1MCRE Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 138 page
background image
ST7L15, ST7L19
126/138
15 DEVICE CONFIGURATION AND ORDERING INFORMATION
Each device is available for production in user pro-
grammable versions (Flash) as well as in factory
coded versions (ROM). ST7L1x devices are ROM
versions.
ST7PL1x devices are Factory Advanced Service
Technique ROM (FASTROM) versions: They are
factory programmed Flash devices.
ST7FL1x Flash devices are shipped to customers
with a default program memory content (FFh),
while ROM/FASTROM factory coded parts contain
the code supplied by the customer. This implies
that Flash devices have to be configured by the
customer using the Option Bytes while the ROM/
FASTROM devices are factory-configured.
15.1 OPTION BYTES
The option bytes have no address in the memory
map and are accessed only in programming mode
(for example using a standard ST7 programming
tool). Difference in option byte configuration be-
tween Flash and ROM devices are presented in
the following table and are described in Section
15.1.1 Flash Option Bytes and Section 15.1.2
ROM Option Bytes.
OPTION BYTE 0
OPTION BYTE 1
7
654321
07654
3210
Flash
Name
Reserved
CLKSEL
SEC
1
SEC
0
FMP
R
FMP
W
PLL
x4x8
PLL
OFF
Res OSC
LVD 1:0
WDG
SW
Default
value
0
111010
01110
1111
ROM
Name
OSCRANGE 2:0
Reserved
ROP
_R
ROP
_D
Res
PLL
OFF
Res OSC
LVD 1:0
WDG
SW
Default
value
1
111110
01100
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com