Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F683-E/MF Datasheet(PDF) 116 Page - Microchip Technology

Part # PIC12F683-E/MF
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683-E/MF Datasheet(HTML) 116 Page - Microchip Technology

Back Button PIC12F683-E/MF Datasheet HTML 112Page - Microchip Technology PIC12F683-E/MF Datasheet HTML 113Page - Microchip Technology PIC12F683-E/MF Datasheet HTML 114Page - Microchip Technology PIC12F683-E/MF Datasheet HTML 115Page - Microchip Technology PIC12F683-E/MF Datasheet HTML 116Page - Microchip Technology PIC12F683-E/MF Datasheet HTML 117Page - Microchip Technology PIC12F683-E/MF Datasheet HTML 118Page - Microchip Technology PIC12F683-E/MF Datasheet HTML 119Page - Microchip Technology PIC12F683-E/MF Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 148 page
background image
PIC12F683
DS41211B-page 114
Preliminary
 2004 Microchip Technology Inc.
15.3
DC Characteristics: PIC12F683-E (Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40
°C ≤ TA ≤ +125°C for extended
Param
No.
Sym
Device
Characteristics
Min
Typ†
Max
Units
Conditions
VDD
Note
D010E IDD
Supply Current(1,2)
—9
TBD
µA2.0
FOSC = 32 kHz
LP Oscillator mode
—18
TBD
µA3.0
—35
TBD
µA5.0
D011E
—
110
TBD
µA2.0
FOSC = 1 MHz
XT Oscillator mode
—190
TBD
µA3.0
—330
TBD
µA5.0
D012E
—
220
TBD
µA2.0
FOSC = 4 MHz
XT Oscillator mode
—370
TBD
µA3.0
—
0.6
TBD
mA
5.0
D013E
—
70
TBD
µA2.0
FOSC = 1 MHz
EC Oscillator mode
—140
TBD
µA3.0
—260
TBD
µA5.0
D014E
—
180
TBD
µA2.0
FOSC = 4 MHz
EC Oscillator mode
—320
TBD
µA3.0
—580
TBD
µA5.0
D015E
—
10
TBD
µA2.0
FOSC = 31 kHz
INTRC mode
—25
TBD
µA3.0
—40
TBD
µA5.0
D016E
—
340
TBD
µA2.0
FOSC = 4 MHz
INTOSC mode
—500
TBD
µA3.0
—
0.8
TBD
mA
5.0
D017E
—
250
TBD
µA2.0
FOSC = 4 MHz
EXTRC mode
—375
TBD
µA3.0
—750
TBD
µA5.0
D018E
—
3.0
TBD
mA
4.5
FOSC = 20 MHz
HS Oscillator mode
—
3.7
TBD
mA
5.0
Legend: TBD = To Be Determined
† Data in ‘Typ’ column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
The test conditions for all IDD measurements in active operation mode are: OSC1 = external square wave,
from rail to rail; all I/O pins tri-stated, pulled to VDD; MCLR = VDD; WDT disabled.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature, also have
an impact on the current consumption.
3:
The peripheral current is the sum of the base IDD or IPD and the additional current consumed when this
peripheral is enabled. The peripheral
∆ current can be determined by subtracting the base IDD or IPD
current from this limit. Max values should be used when calculating total current consumption.
4:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is
measured with the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com