Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

I.MX8XLITE Datasheet(PDF) 15 Page - NXP Semiconductors

Part # I.MX8XLITE
Description  i.MX 8XLite Industrial Applications Processors
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

I.MX8XLITE Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button I.MX8XLITE Datasheet HTML 11Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 12Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 13Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 14Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 15Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 16Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 17Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 18Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 112 page
background image
3.1.2.1 FCPBGA package thermal resistance
This table provides the FCPBGA package thermal resistance data.
Table 4. FCPBGA package thermal resistance data
Rating
Board Type1
Symbol
Value, 15
x 15 mm
package
Unit
Junction to Ambient Thermal Resistance
2
JESD51-9, 2s2p
RθJA
17.4
°C/W
Junction to Package Top Thermal
Resistance 2
JESD51-9, 2s2p
ΨJT
0.1
°C/W
Junction to Case Thermal Resistance 3
JESD51-9, 1s
RθJC
0.2
°C/W
1. Thermal test board meets JEDEC specification for this package (JESD51-9).
2. Determined in accordance to JEDEC JESD51-2A natural convection environment. Thermal resistance data in this
report is solely for a thermal performance comparison of one package to another in a standardized specified
environment. It is not meant to predict the performance of a package in an application-specific environment.
3. Junction-to-Case thermal resistance determined using an isothermal cold plate. Case temperature refers to the mold
surface temperature at the package top side dead center.
3.1.3 Operating Ranges
The following table provides the operating ranges of these processors.
Table 5. Operating ranges 1
Symbol
Description
Mode
Min Typ
Ma
x
Uni
t
Comments
VDD_ MEMC
Power supply of
Cortex-A35
cluster, Memory
Controller, DB,
and DRC
Overdrive 1.05 1.10 1.15
V
A35 Max frequency:
1.2 GHz
DRC Max frequency at
1.1V: 1.2GHz
DB Max frequency at
1.1V: 600 MHz
Nominal
0.95 1.00 1.10
V
A35 Max frequency:
900 MHz
DRC Max frequency at
1.0V: 933MHz
DB Max frequency at
1.0V: 466MHz
VDD_MAIN 2
Power supply of
remaining core
logic
N/A
0.95 1.00 1.10
V
M4 Max freq.: 264
MHz
Table continues on the next page...
Electrical characteristics
i.MX 8XLite Industrial Applications Processors, Rev. 3, 08/2023
15
NXP Semiconductors


Similar Part No. - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
I.MX8 NXP-I.MX8 Datasheet
4Mb / 149P
i.MX 8QuadMax 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8 NXP-I.MX8 Datasheet
4Mb / 148P
i.MX 8QuadPlus 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8M NXP-I.MX8M Datasheet
1Mb / 4P
i.MX 8M PLUS APPLICATIONS PROCESSOR FAMILY
More results

Similar Description - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1050IEC NXP-IMXRT1050IEC Datasheet
1Mb / 93P
i.MX RT1050 Crossover Processors for Industrial
Rev. 1, 03/2018
IMX8DXIEC NXP-IMX8DXIEC Datasheet
2Mb / 127P
i.MX 8DualX Industrial Applications Processors
Rev. 0, 05/2020
MCIMX6Z0DVM09AB NXP-MCIMX6Z0DVM09AB Datasheet
1Mb / 108P
i.MX 6ULZ Applications Processors for Consumer
Rev. 0, 09/2018
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
IMX8QXPIEC NXP-IMX8QXPIEC Datasheet
2Mb / 132P
i.MX 8QuadXPlus and 8DualXPlus Industrial Applications Processors
Rev. 0, 05/2020
IMX6DQPIEC NXP-IMX6DQPIEC Datasheet
2Mb / 160P
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
Rev. 3, 11/2018
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8XLB0IEC NXP-IMX8XLB0IEC Datasheet
1Mb / 112P
i.MX 8XLite Industrial Applications Processors
Rev. 2, 03/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com