Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

I.MX8XLITE Datasheet(PDF) 16 Page - NXP Semiconductors

Part # I.MX8XLITE
Description  i.MX 8XLite Industrial Applications Processors
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

I.MX8XLITE Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button I.MX8XLITE Datasheet HTML 12Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 13Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 14Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 15Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 16Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 17Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 18Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 19Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 112 page
background image
Table 5. Operating ranges 1 (continued)
Symbol
Description
Mode
Min Typ
Ma
x
Uni
t
Comments
VDD_DDR_VDDQ
Power supplies
of memory IOs
DDR3L
1.30 1.35 1.45
V
Max frequency: 933
MHz to support
DDR3L-1866
LPDDR4 1.06 1.10 1.17
V
Max frequency:
1.2GHz to support
LPDDR4-2400
VDD_DDR_PLL_1P8
Power supplies
of memory PLLs
N/A
1.65 1.80 1.95
V
PLL supply can be
merged with other
1.8V supplies with
proper on board
decoupling.
VDD_ANA0_1P8
VDD_ANA1_1P8
Power supplies
of IOs, analog
and oscillator of
the SCU
N/A
1.65 1.80 1.95
V
These balls shall be
powered by a
dedicated supply, or
they need appropriate
noise filtering and
ensure the ramp-up
complies with the
power-up acquirement.
VDD_ADC_1P8
VDD_ADC_DIG_1P8
VDD_USB_1P8
Power supplies
of PHYs (1.8V
part) and GPIO
operating at
1.8V only.
N/A
1.65 1.80 1.95
V
VDD_PCIE_1P8
Power supplies
of PCIE PHY
(1.8 V part)
1.71 1.80 1.89
V
VDD_USB_3P3
Power supplies
of PHYs (3.3V
part) and GPIO
operating at
3.3V only
N/A
3.00 3.30 3.60
V
VDD_CAN_UART_1P8_3P3
VDD_CSI_1P8_3P3
VDD_EMMC0_1P8_3P3
VDD_ENET_MDIO_1P8_3P3
VDD_PCIE_DIG_1P8_3P3
VDD_QSPI0A_1P8_3P3
VDD_QSPI0B_1P8_3P3
VDD_SPI_MCLK_UART_1P8_3P3
VDD_SPI_SAI_1P8_3P3
VDD_USDHC1_VSELECT_1P8_3P3
Power supplies
of GPIO
supporting both
1.8V or 3.3V
1.8V
1.65 1.80 1.95
V
When
VDD_USDHC1_1P8_3
P3 is used to support
an SD card, then it
shall be on a dedicated
1.8V/3.3V regulator.
VDDs of this list
targeting 1.8V can
share 1.8V regulator of
1.8V only VDDs
VDDs of this list
targeting 3.3V can
share 3.3V regulator of
3.3V only VDDs
3.3V
3.00 3.30 3.60
V
VDD_ENET0_1P8_3P3
VDD_ENET0_VSELECT_1P8_3P3
Power supplies
of ethernet IOs
1.8V
1.65 1.80 1.95
V
3.3V
3.00 3.30 3.60
V
Table continues on the next page...
Electrical characteristics
16
i.MX 8XLite Industrial Applications Processors, Rev. 3, 08/2023
NXP Semiconductors


Similar Part No. - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
I.MX8 NXP-I.MX8 Datasheet
4Mb / 149P
i.MX 8QuadMax 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8 NXP-I.MX8 Datasheet
4Mb / 148P
i.MX 8QuadPlus 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8M NXP-I.MX8M Datasheet
1Mb / 4P
i.MX 8M PLUS APPLICATIONS PROCESSOR FAMILY
More results

Similar Description - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1050IEC NXP-IMXRT1050IEC Datasheet
1Mb / 93P
i.MX RT1050 Crossover Processors for Industrial
Rev. 1, 03/2018
IMX8DXIEC NXP-IMX8DXIEC Datasheet
2Mb / 127P
i.MX 8DualX Industrial Applications Processors
Rev. 0, 05/2020
MCIMX6Z0DVM09AB NXP-MCIMX6Z0DVM09AB Datasheet
1Mb / 108P
i.MX 6ULZ Applications Processors for Consumer
Rev. 0, 09/2018
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
IMX8QXPIEC NXP-IMX8QXPIEC Datasheet
2Mb / 132P
i.MX 8QuadXPlus and 8DualXPlus Industrial Applications Processors
Rev. 0, 05/2020
IMX6DQPIEC NXP-IMX6DQPIEC Datasheet
2Mb / 160P
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
Rev. 3, 11/2018
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8XLB0IEC NXP-IMX8XLB0IEC Datasheet
1Mb / 112P
i.MX 8XLite Industrial Applications Processors
Rev. 2, 03/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com