Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

I.MX8XLITE Datasheet(PDF) 18 Page - NXP Semiconductors

Part # I.MX8XLITE
Description  i.MX 8XLite Industrial Applications Processors
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

I.MX8XLITE Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button I.MX8XLITE Datasheet HTML 14Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 15Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 16Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 17Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 18Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 19Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 20Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 21Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 112 page
background image
The RTC_XTALI is used for real time functions. It supplies the clock for real time
clock operation and for slow-system and watchdog counters. The clock input can be
connected to either an external oscillator or a crystal using the internal oscillator
amplifier.
The system clock input XTALI is used to generate the main system clock. It supplies
the PLLs and other peripherals. The system clock input requires a crystal using the
internal oscillator amplifier.
The PCIe oscillator can be sourced internally or input to the chip. In both cases, it is a
100 MHz nominal clock using HCSL signaling to provide the PCIe reference clock.
The following table shows the interface frequency requirements.
Table 6. External Input Clock Frequency
Parameter Description
Symbol
Min
Typ
Max
Unit
RTC_XTALI Oscillator 1,2
fckil
32.768 3/32.0
kHz
XTALI Oscillator 2, 4
fxtal
24
MHz
PCIe oscillator 5
Frequency accuracy
f100M
100
±300
MHz
ppm
1. External oscillator or a crystal with internal oscillator amplifier.
2. The required frequency stability of this clock source is application dependent. For recommendations, see the hardware
development guide for this device.
3. Recommended nominal frequency 32.768 kHz.
4. Fundamental frequency crystal with internal oscillator amplifier.
5. If using an external clock instead of the internal clock source, an HCSL-compatible clock is required. Concerning EMI/
EMC, note that the internal source is not spread-spectrum capable.
The typical values shown in Table 6 are required for use with NXP board support
packages (BSPs) to ensure precise time keeping and USB operations.
3.1.5 Maximum Supply Currents
Note
Some of the numbers shown in this table are based on the
companion regulator limits and not actual use cases.
Table 7. Maximum supply currents
Symbol
Value
Unit
Comments
MEMC
2500
mA
VDD_MAIN
2000
mA
Table continues on the next page...
Electrical characteristics
18
i.MX 8XLite Industrial Applications Processors, Rev. 3, 08/2023
NXP Semiconductors


Similar Part No. - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
I.MX8 NXP-I.MX8 Datasheet
4Mb / 149P
i.MX 8QuadMax 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8 NXP-I.MX8 Datasheet
4Mb / 148P
i.MX 8QuadPlus 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8M NXP-I.MX8M Datasheet
1Mb / 4P
i.MX 8M PLUS APPLICATIONS PROCESSOR FAMILY
More results

Similar Description - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1050IEC NXP-IMXRT1050IEC Datasheet
1Mb / 93P
i.MX RT1050 Crossover Processors for Industrial
Rev. 1, 03/2018
IMX8DXIEC NXP-IMX8DXIEC Datasheet
2Mb / 127P
i.MX 8DualX Industrial Applications Processors
Rev. 0, 05/2020
MCIMX6Z0DVM09AB NXP-MCIMX6Z0DVM09AB Datasheet
1Mb / 108P
i.MX 6ULZ Applications Processors for Consumer
Rev. 0, 09/2018
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
IMX8QXPIEC NXP-IMX8QXPIEC Datasheet
2Mb / 132P
i.MX 8QuadXPlus and 8DualXPlus Industrial Applications Processors
Rev. 0, 05/2020
IMX6DQPIEC NXP-IMX6DQPIEC Datasheet
2Mb / 160P
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
Rev. 3, 11/2018
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8XLB0IEC NXP-IMX8XLB0IEC Datasheet
1Mb / 112P
i.MX 8XLite Industrial Applications Processors
Rev. 2, 03/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com