Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

I.MX8XLITE Datasheet(PDF) 24 Page - NXP Semiconductors

Part # I.MX8XLITE
Description  i.MX 8XLite Industrial Applications Processors
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

I.MX8XLITE Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button I.MX8XLITE Datasheet HTML 20Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 21Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 22Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 23Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 24Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 25Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 26Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 27Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 112 page
background image
3.2.3.4 Powering down
Powering down the supplies must be done in reverse order. All group 2 and 3 supplies
must power down first, followed by 1.8V, making sure VDD_ANA0_1P8 and
VDD_ANA1_1P8 do not power down before other 1.8V rails, followed by
VDD_MAIN and eventually VDD_SNVS.
3.2.4 Power Supplies Usage
The following table shows the power supplies usage by group.
Table 10. Power supplies usage
Supply
Groups
Voltage
Group 0
2.4 - 4.2v
1.8v internal LDO
VDD_SNVS_
4P2
VDD_SNVS_LDO_1P8
_CAP
Group 1
1.0v
1.8v
VDD_MAIN
VDD_ANA0_1P8
VDD_ANA1_1P8
Group 2
1.1v
1.1 - 1.35v
1.8v
1.8v or 3.3v
3.3v
VDD_MEMC
VDD_DDR_VDDQ1
VDD_DDR_PLL_1P8
VDD_EMMC0_1P8_3P3 VDD_USB
_3P3
VDD_ADC_DIG_1P8
VDD_ESAI_SPDIF_1P8_
3P3
VDD_PCIE_DIG_1P8_3P3
VDD_CAN_UART_1P8_3
P3
VDD_ADC_1P8
VDD_QSPI0A_1P8_3P3
VDD_USB_1P8
VDD_QSPI0B_1P8_3P3
VDD_PCIE_1P8
VDD_SPI_SAI_1P8_3P3
VDD_SPI_MCLK_UART_
1P8_3P3
VDD_TMPR_CSI_1P8_3P
3 2
VDD_CSI_1P8_3P3
Group 3
1.0v internal
LDO's
1.8v or 3.3v
VDD_PCIE_L
DO_1P0_CA
P
VDD_ENET_MDIO_1P
8_3P3
VDD_USB_S
S3_LDO_1P0
_CAP
VDD_ENET0_1P8_3P
3
Table continues on the next page...
Electrical characteristics
24
i.MX 8XLite Industrial Applications Processors, Rev. 3, 08/2023
NXP Semiconductors


Similar Part No. - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
I.MX8 NXP-I.MX8 Datasheet
4Mb / 149P
i.MX 8QuadMax 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8 NXP-I.MX8 Datasheet
4Mb / 148P
i.MX 8QuadPlus 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8M NXP-I.MX8M Datasheet
1Mb / 4P
i.MX 8M PLUS APPLICATIONS PROCESSOR FAMILY
More results

Similar Description - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1050IEC NXP-IMXRT1050IEC Datasheet
1Mb / 93P
i.MX RT1050 Crossover Processors for Industrial
Rev. 1, 03/2018
IMX8DXIEC NXP-IMX8DXIEC Datasheet
2Mb / 127P
i.MX 8DualX Industrial Applications Processors
Rev. 0, 05/2020
MCIMX6Z0DVM09AB NXP-MCIMX6Z0DVM09AB Datasheet
1Mb / 108P
i.MX 6ULZ Applications Processors for Consumer
Rev. 0, 09/2018
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
IMX8QXPIEC NXP-IMX8QXPIEC Datasheet
2Mb / 132P
i.MX 8QuadXPlus and 8DualXPlus Industrial Applications Processors
Rev. 0, 05/2020
IMX6DQPIEC NXP-IMX6DQPIEC Datasheet
2Mb / 160P
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
Rev. 3, 11/2018
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8XLB0IEC NXP-IMX8XLB0IEC Datasheet
1Mb / 112P
i.MX 8XLite Industrial Applications Processors
Rev. 2, 03/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com