Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

I.MX8XLITE Datasheet(PDF) 29 Page - NXP Semiconductors

Part # I.MX8XLITE
Description  i.MX 8XLite Industrial Applications Processors
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

I.MX8XLITE Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button I.MX8XLITE Datasheet HTML 25Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 26Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 27Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 28Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 29Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 30Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 31Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 32Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 112 page
background image
1. The required frequency accuracy is set by the serial interfaces utilized for a specific application and is detailed in the
respective standard documents.
2. Cload is the specification of the quartz element, not for the capacitors coupled to the quartz element.
3.4.2 OSC32K
This block implements an internal amplifier, trimmable load capacitors and a bias
network that when combined with a suitable quartz crystal implements a low power
oscillator. The Crystal connects to the RTC_XTALI and RTC_XTALO pins.
Additionally, if the clock monitor determines that the 32KHz oscillation is not
present, then the source of the 32 KHz clock will automatically switch to the internal
ring oscillator of lesser frequency accuracy.
CAUTION
The internal ring oscillator is not meant to be used in
customer applications, due to gross frequency variation over
wafer processing, temperature, and supply voltage. These
variations will cause timing issues to many different circuits
that use the internal ring oscillator for reference; and, if this
timing is critical, application issues will occur. To prevent
application issues, it is recommended to only use an external
crystal or an accurate external clock. If this recommendation
is not followed, NXP cannot guarantee full compliance of
any circuit using this clock. The OSC32K runs from
VDD_SNVS_LDO_1P8_CAP, which is regulated from
VDD_SNVS. The target battery/voltage range is 2.8 to 4.2
V for VDD_SNVS, with a regulated output of
approximately 1.75 V.
Table 17. OSC32K main characteristics
Parameter
Min
Typ
Max
Comments
Fosc
32.768 kHz
This frequency is nominal and determined mainly
by the crystal selected. 32.0 KHz is also
supported.
Current
consumption
• xtal oscillator mode: 5 μA
• 32K internal oscillator mode:
10 μA
These values are for typical process and room
temperature. Values will be updated after silicon
characterization.
Table continues on the next page...
Electrical characteristics
i.MX 8XLite Industrial Applications Processors, Rev. 3, 08/2023
29
NXP Semiconductors


Similar Part No. - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
I.MX8 NXP-I.MX8 Datasheet
4Mb / 149P
i.MX 8QuadMax 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8 NXP-I.MX8 Datasheet
4Mb / 148P
i.MX 8QuadPlus 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8M NXP-I.MX8M Datasheet
1Mb / 4P
i.MX 8M PLUS APPLICATIONS PROCESSOR FAMILY
More results

Similar Description - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1050IEC NXP-IMXRT1050IEC Datasheet
1Mb / 93P
i.MX RT1050 Crossover Processors for Industrial
Rev. 1, 03/2018
IMX8DXIEC NXP-IMX8DXIEC Datasheet
2Mb / 127P
i.MX 8DualX Industrial Applications Processors
Rev. 0, 05/2020
MCIMX6Z0DVM09AB NXP-MCIMX6Z0DVM09AB Datasheet
1Mb / 108P
i.MX 6ULZ Applications Processors for Consumer
Rev. 0, 09/2018
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
IMX8QXPIEC NXP-IMX8QXPIEC Datasheet
2Mb / 132P
i.MX 8QuadXPlus and 8DualXPlus Industrial Applications Processors
Rev. 0, 05/2020
IMX6DQPIEC NXP-IMX6DQPIEC Datasheet
2Mb / 160P
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
Rev. 3, 11/2018
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8XLB0IEC NXP-IMX8XLB0IEC Datasheet
1Mb / 112P
i.MX 8XLite Industrial Applications Processors
Rev. 2, 03/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com