Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

I.MX8XLITE Datasheet(PDF) 31 Page - NXP Semiconductors

Part # I.MX8XLITE
Description  i.MX 8XLite Industrial Applications Processors
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

I.MX8XLITE Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button I.MX8XLITE Datasheet HTML 27Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 28Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 29Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 30Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 31Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 32Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 33Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 34Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 112 page
background image
3.5.1 XTALI and RTC_XTALI (Clock Inputs) Parameters
For XTALI and RTC_XTALI, VIH/VIL specifications do not apply. The high and low
levels of the applied clock on this pin are not strictly defined, as long as the input’s
peak-to-peak amplitude meet the requirements and the input’s voltage value does not
exceed the limits.
Table 18. XTALI External input clock for OSC24M
Parameter
Symbol
Min
Typ
Max
Units
DC offset
Vcm
-
VDD_ANA1_1P
8 / 2
-
mV
Input signal level p/p 1, 2, 3
VIN
600
-
VDD_ANA1_1P
8
mV
Duty Cycle 4
-
45
-
55
%
1. The external clock is fed into the chip from the XTALI pin; the XTALO pin should be left floating.
2. The parameter specified here is a peak-to-peak value and VIHIIH/VIL specifications do not apply.
3. The voltage applied on XTALI must be within the range of VSS to VDD_ANA1_1P8.
4. The rise/fall time of the applied clock are not strictly confined.
Table 19. External input clock for OSC32K
Min
Typ
Max
Unit
Notes
Frequency
32.768 or 32
kHz
VPP RTC_XTALI
700
VDD_SNVS_LDO_1P8_CAP
mV
1, 2, 3
Rise/fall time
ns
4
1. The external clock is fed into the chip from the RTC_XTALI pin; the RTC_XTALO pin should be left floating.
2. The parameter specified here is a peak-to-peak value and VIH/VIL specifications do not apply.
3. The voltage applied on RTC_XTALI must be within the range of VSS to VDD_SNVS_LDO_1P8_CAP.
4. The rise/fall time of the applied clock are not strictly confined.
3.5.2 General-purpose I/O (GPIO) DC parameters
3.5.2.1 Dual-voltage GPIO DC parameters
The following two tables show dual-voltage 1.8 V and 3.3 V DC parameters,
respectively, for GPIO pads. These parameters are guaranteed per the operating ranges
in Table 5, unless otherwise noted.
Electrical characteristics
i.MX 8XLite Industrial Applications Processors, Rev. 3, 08/2023
31
NXP Semiconductors


Similar Part No. - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
I.MX8 NXP-I.MX8 Datasheet
4Mb / 149P
i.MX 8QuadMax 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8 NXP-I.MX8 Datasheet
4Mb / 148P
i.MX 8QuadPlus 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8M NXP-I.MX8M Datasheet
1Mb / 4P
i.MX 8M PLUS APPLICATIONS PROCESSOR FAMILY
More results

Similar Description - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1050IEC NXP-IMXRT1050IEC Datasheet
1Mb / 93P
i.MX RT1050 Crossover Processors for Industrial
Rev. 1, 03/2018
IMX8DXIEC NXP-IMX8DXIEC Datasheet
2Mb / 127P
i.MX 8DualX Industrial Applications Processors
Rev. 0, 05/2020
MCIMX6Z0DVM09AB NXP-MCIMX6Z0DVM09AB Datasheet
1Mb / 108P
i.MX 6ULZ Applications Processors for Consumer
Rev. 0, 09/2018
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
IMX8QXPIEC NXP-IMX8QXPIEC Datasheet
2Mb / 132P
i.MX 8QuadXPlus and 8DualXPlus Industrial Applications Processors
Rev. 0, 05/2020
IMX6DQPIEC NXP-IMX6DQPIEC Datasheet
2Mb / 160P
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
Rev. 3, 11/2018
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8XLB0IEC NXP-IMX8XLB0IEC Datasheet
1Mb / 112P
i.MX 8XLite Industrial Applications Processors
Rev. 2, 03/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com