Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

I.MX8XLITE Datasheet(PDF) 33 Page - NXP Semiconductors

Part # I.MX8XLITE
Description  i.MX 8XLite Industrial Applications Processors
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

I.MX8XLITE Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button I.MX8XLITE Datasheet HTML 29Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 30Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 31Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 32Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 33Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 34Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 35Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 36Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 112 page
background image
3.5.2.2 Single-voltage GPIO DC parameters
Table 22 and Table 23 show single-voltage 1.8 V and 3.3 V DC parameters,
respectively, for GPIO pads. These parameters are guaranteed per the operating ranges
in Table 5 unless otherwise noted.
Table 22. Single-voltage 1.8 V GPIO DC parameters
Parameter
Symbol
Test Conditions
Min
Max
Units
High-level output voltage 1, 2
VOH
IOH= -0.1mA
DSE = 000 or 001
OVDD × 0.8
V
IOH= -2mA
DSE = 010 or 011
IOH= -4mA
DSE = 100 to 110
Low-level output voltage 1, 2
VOL
IOL= 0.1mA
DSE = 000 or 001
OVDD × 0.2
V
IOL= 2mA
DSE = 010 or 011
IOL= 4mA
DSE = 100 to 110
High-Level input voltage 2, 3
VIH
0.65 × OVDD
OVDD
V
Low-Level input voltage 2, 3
VIL
0
0.35 × OVDD
V
Pull-up resistance
RPU
Vin=0V (Pullup Resistor)
20
90
Pull-down resistance
Rdown
Vin=OVDD( Pulldown Resistor)
20
90
Input current (no PU/PD)
IIN
VI = 0, VI = OVDD
-5
5
μA
Keeper Circuit Resistance
R_Keeper
VI =.3xOVDD, VI = .7x OVDD
12
92
1. As programmed in the associated IOMUX (DSE field) register.
2. Refer to I/O Overshoot and Undershoot Parameters
3. Refer to Input Signal Monotonic Requirements for monotonic requirements.
Table 23. Single-voltage 3.3 V GPIO DC parameters
Parameter
Symbol
Test Conditions
Min
Max
Units
High-level output voltage 1, 2
VOH
IOH = -0.1mA
DSE = 00 or 01
0.8 × OVDD
V
IOH= -2mA
DSE = 10 or 11
Low-level output voltage 1, 2
VOL
IOL=0.1mA
DSE = 00 or 01
0.2 × OVDD
V
IOL = 2mA
DSE = 10 or 11
Table continues on the next page...
Electrical characteristics
i.MX 8XLite Industrial Applications Processors, Rev. 3, 08/2023
33
NXP Semiconductors


Similar Part No. - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
I.MX8 NXP-I.MX8 Datasheet
4Mb / 149P
i.MX 8QuadMax 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8 NXP-I.MX8 Datasheet
4Mb / 148P
i.MX 8QuadPlus 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8M NXP-I.MX8M Datasheet
1Mb / 4P
i.MX 8M PLUS APPLICATIONS PROCESSOR FAMILY
More results

Similar Description - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1050IEC NXP-IMXRT1050IEC Datasheet
1Mb / 93P
i.MX RT1050 Crossover Processors for Industrial
Rev. 1, 03/2018
IMX8DXIEC NXP-IMX8DXIEC Datasheet
2Mb / 127P
i.MX 8DualX Industrial Applications Processors
Rev. 0, 05/2020
MCIMX6Z0DVM09AB NXP-MCIMX6Z0DVM09AB Datasheet
1Mb / 108P
i.MX 6ULZ Applications Processors for Consumer
Rev. 0, 09/2018
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
IMX8QXPIEC NXP-IMX8QXPIEC Datasheet
2Mb / 132P
i.MX 8QuadXPlus and 8DualXPlus Industrial Applications Processors
Rev. 0, 05/2020
IMX6DQPIEC NXP-IMX6DQPIEC Datasheet
2Mb / 160P
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
Rev. 3, 11/2018
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8XLB0IEC NXP-IMX8XLB0IEC Datasheet
1Mb / 112P
i.MX 8XLite Industrial Applications Processors
Rev. 2, 03/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com