Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

I.MX8XLITE Datasheet(PDF) 56 Page - NXP Semiconductors

Part # I.MX8XLITE
Description  i.MX 8XLite Industrial Applications Processors
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

I.MX8XLITE Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button I.MX8XLITE Datasheet HTML 52Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 53Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 54Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 55Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 56Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 57Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 58Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 59Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 112 page
background image
Table 43. Toggle mode timing parameters 1 (continued)
ID
Parameter
Symbol
Timing
T = GPMI Clock Cycle
Uni
t
Min.
Max.
NF18 NAND_CEx_B access time
tCE
CE_DELAY × T [see notes 2,
4]
ns
NF22 clock period
tCK
ns
NF23 preamble delay
tPRE
PRE_DELAY × T [see notes
2, 5]
ns
NF24 postamble delay
tPOST
POST_DELAY × T +0.43
[see note 2 ]
ns
NF28 Data write setup
tDS 6
0.25 × tCK - 0.32
ns
NF29 Data write hold
tDH 6
0.25 × tCK - 0.79
ns
NF30 NAND_DQS/NAND_DQ read setup skew
tDQSQ 7
3.18
NF31 NAND_DQS/NAND_DQ read hold skew
tQHS 7
3.27
1. The GPMI toggle mode output timing can be controlled by the module’s internal registers
HW_GPMI_TIMING0_ADDRESS_SETUP, HW_GPMI_TIMING0_DATA_SETUP, and
HW_GPMI_TIMING0_DATA_HOLD. This AC timing depends on these registers settings. In the table, AS/DS/DH
represents each of these settings.
2. AS minimum value can be 0, while DS/DH minimum value is 1.
3. T = tCK (GPMI clock period) -0.075 ns (half of maximum p-p jitter).
4. CE_DELAY represents HW_GPMI_TIMING2[CE_DELAY]. NF18 is guaranteed by the design. Read/Write operation is
started with enough time of ALE/CLE assertion to low level.
5. PRE_DELAY+1) ≥ (AS+DS)
6. Shown in "Toggle mode data write timing".
7. Shown in "Toggle mode data read timing".
For DDR Toggle mode, Figure 22 shows the timing diagram of NAND_DQS/
NAND_DATAxx read valid window. The typical value of tDQSQ is 1.4 ns (max) and
1.4 ns (max) for tQHS at 133 MB/s. GPMI will sample NAND_DATA[7:0] at both
rising and falling edge of an delayed NAND_DQS signal, which is provided by an
internal DPLL. The delay value of this register can be controlled by GPMI register
GPMI_READ_DDR_DLL_CTRL.SLV_DLY_TARGET (see the GPMI chapter of the
device reference manual. Generally, the typical delay value is equal to 0x7 which means
1/4 clock cycle delay expected. But if the board delay is big enough and cannot be
ignored, the delay value should be made larger to compensate the board delay.
3.10 External Peripheral Interface Parameters
The following subsections provide information on external peripheral interfaces.
Electrical characteristics
56
i.MX 8XLite Industrial Applications Processors, Rev. 3, 08/2023
NXP Semiconductors


Similar Part No. - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
I.MX8 NXP-I.MX8 Datasheet
4Mb / 149P
i.MX 8QuadMax 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8 NXP-I.MX8 Datasheet
4Mb / 148P
i.MX 8QuadPlus 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8M NXP-I.MX8M Datasheet
1Mb / 4P
i.MX 8M PLUS APPLICATIONS PROCESSOR FAMILY
More results

Similar Description - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1050IEC NXP-IMXRT1050IEC Datasheet
1Mb / 93P
i.MX RT1050 Crossover Processors for Industrial
Rev. 1, 03/2018
IMX8DXIEC NXP-IMX8DXIEC Datasheet
2Mb / 127P
i.MX 8DualX Industrial Applications Processors
Rev. 0, 05/2020
MCIMX6Z0DVM09AB NXP-MCIMX6Z0DVM09AB Datasheet
1Mb / 108P
i.MX 6ULZ Applications Processors for Consumer
Rev. 0, 09/2018
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
IMX8QXPIEC NXP-IMX8QXPIEC Datasheet
2Mb / 132P
i.MX 8QuadXPlus and 8DualXPlus Industrial Applications Processors
Rev. 0, 05/2020
IMX6DQPIEC NXP-IMX6DQPIEC Datasheet
2Mb / 160P
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
Rev. 3, 11/2018
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8XLB0IEC NXP-IMX8XLB0IEC Datasheet
1Mb / 112P
i.MX 8XLite Industrial Applications Processors
Rev. 2, 03/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com