Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

I.MX8XLITE Datasheet(PDF) 58 Page - NXP Semiconductors

Part # I.MX8XLITE
Description  i.MX 8XLite Industrial Applications Processors
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

I.MX8XLITE Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button I.MX8XLITE Datasheet HTML 54Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 55Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 56Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 57Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 58Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 59Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 60Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 61Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 112 page
background image
Table 45. LPSPI timings—Master mode at 60 MHz
ID
Parameter
Min
Max
Unit
— SPIx_SCLK Cycle frequency
60
MHz
t1
SPIx_SCLK High or Low Time–Read
SPIx_SCLK High or Low Time–Write
7.5
ns
t2
SPIx_CSy pulse width
7.5
ns
t3
SPIx_CSy Lead Time(1)
FCLK_PERIOD(2) x (PCSSCK + 1) /
2PRESCALE - 3
ns
t4
SPIx_CSy Lag Time(3)
FCLK_PERIOD(2) x (SCKPCS + 1) /
2PRESCALE + 3
ns
t5
SPIx_SDO output Delay (CLOAD = 20 pF)
3
ns
t6
SPIx_SDI Setup Time
2
ns
t7
SPIx_SDI Hold Time
2
ns
1. This timing is controllable through CCR.PCSSCK and TCR.PRESCALE registers.
2. FCLK_PERIOD is the period of the functional clock provided to LPSPI module. Maximum allowed frequency is 240 MHz.
3. This timing is controllable through CCR.SCKPCS and TCR.PRESCALE registers.
Table 46. LPSPI timings—Master mode at 40 MHz
ID
Parameter
Min
Max
Unit
— SPIx_SCLK Cycle frequency
40
MHz
t1
SPIx_SCLK High or Low Time–Read
SPIx_SCLK High or Low Time–Write
11
ns
t2
SPIx_CSy pulse width
11
ns
t3
SPIx_CSy Lead Time(1)
FCLK_PERIOD(2) x (PCSSCK + 1) /
2PRESCALE + 3
ns
t4
SPIx_CSy Lag Time(3)
FCLK_PERIOD(2) x (SCKPCS + 1) /
2PRESCALE + 3
ns
t5
SPIx_SDO output Delay (CLOAD = 20 pF)
5
ns
t6
SPIx_SDI Setup Time
5
ns
t7
SPIx_SDI Hold Time
4
ns
1. This timing is controllable through CCR.PCSSCK and TCR.PRESCALE registers.
2. FCLK_PERIOD is the period of the functional clock provided to LPSPI module. Maximum allowed frequency is 240 MHz.
3. This timing is controllable through CCR.SCKPCS and TCR.PRESCALE registers.
Electrical characteristics
58
i.MX 8XLite Industrial Applications Processors, Rev. 3, 08/2023
NXP Semiconductors


Similar Part No. - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
I.MX8 NXP-I.MX8 Datasheet
4Mb / 149P
i.MX 8QuadMax 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8 NXP-I.MX8 Datasheet
4Mb / 148P
i.MX 8QuadPlus 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8M NXP-I.MX8M Datasheet
1Mb / 4P
i.MX 8M PLUS APPLICATIONS PROCESSOR FAMILY
More results

Similar Description - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1050IEC NXP-IMXRT1050IEC Datasheet
1Mb / 93P
i.MX RT1050 Crossover Processors for Industrial
Rev. 1, 03/2018
IMX8DXIEC NXP-IMX8DXIEC Datasheet
2Mb / 127P
i.MX 8DualX Industrial Applications Processors
Rev. 0, 05/2020
MCIMX6Z0DVM09AB NXP-MCIMX6Z0DVM09AB Datasheet
1Mb / 108P
i.MX 6ULZ Applications Processors for Consumer
Rev. 0, 09/2018
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
IMX8QXPIEC NXP-IMX8QXPIEC Datasheet
2Mb / 132P
i.MX 8QuadXPlus and 8DualXPlus Industrial Applications Processors
Rev. 0, 05/2020
IMX6DQPIEC NXP-IMX6DQPIEC Datasheet
2Mb / 160P
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
Rev. 3, 11/2018
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8XLB0IEC NXP-IMX8XLB0IEC Datasheet
1Mb / 112P
i.MX 8XLite Industrial Applications Processors
Rev. 2, 03/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com