Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

I.MX8XLITE Datasheet(PDF) 73 Page - NXP Semiconductors

Part # I.MX8XLITE
Description  i.MX 8XLite Industrial Applications Processors
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

I.MX8XLITE Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button I.MX8XLITE Datasheet HTML 69Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 70Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 71Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 72Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 73Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 74Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 75Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 76Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 112 page
background image
IC10
IC11
IC9
IC2
IC8
IC4
IC7
IC3
IC6
IC10b
IC5
IC11b
START
STOP
START
START
I2Cx_SDA
I2Cx_SCL
IC1
Figure 37. I2C bus timing
Table 62. I2C Module Timing Parameters
ID
Parameter
Standard Mode
Fast Mode
Uni
t
Min
Max
Min
Max
IC1
I2Cx_SCL cycle time
10
2.5
µs
IC2
Hold time (repeated) START condition
4.0
0.6
µs
IC3
Set-up time for STOP condition
4.0
0.6
µs
IC4
Data hold time
0 1
3.45 2
01
0.92
µs
IC5
HIGH Period of I2Cx_SCL Clock
4.0
0.6
µs
IC6
LOW Period of the I2Cx_SCL Clock
4.7
1.3
µs
IC7
Set-up time for a repeated START condition
4.7
0.6
µs
IC8
Data set-up time
250
100 3
ns
IC9
Bus free time between a STOP and START condition
4.7
1.3
µs
IC10/
IC10b
Rise time of both I2Cx_SDA and I2Cx_SCL signals
1000
20 +
0.1Cb4
300
ns
IC11/
IC11b
Fall time of both I2Cx_SDA and I2Cx_SCL signals
300
20 +
0.1Cb4
300
ns
IC12
Capacitive load for each bus line (Cb)
400
400
pF
1. A device must internally provide a hold time of at least 300 ns for I2Cx_SDA signal in order to bridge the undefined
region of the falling edge of I2Cx_SCL.
2. The maximum hold time has only to be met if the device does not stretch the LOW period (ID no IC5) of the I2Cx_SCL
signal.
3. A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system, but the requirement of Set-up time (ID
No IC7) of 250 ns must be met. This automatically is the case if the device does not stretch the LOW period of the
I2Cx_SCL signal.
If such a device does stretch the LOW period of the I2Cx_SCL signal, it must output the next data bit to the I2Cx_SDA
line max_rise_time (IC9) + data_setup_time (IC7) = 1000 + 250 = 1250 ns (according to the Standard-mode I2C-bus
specification) before the I2Cx_SCL line is released.
4. Cb = total capacitance of one bus line in pF.
Electrical characteristics
i.MX 8XLite Industrial Applications Processors, Rev. 3, 08/2023
73
NXP Semiconductors


Similar Part No. - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
I.MX8 NXP-I.MX8 Datasheet
4Mb / 149P
i.MX 8QuadMax 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8 NXP-I.MX8 Datasheet
4Mb / 148P
i.MX 8QuadPlus 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8M NXP-I.MX8M Datasheet
1Mb / 4P
i.MX 8M PLUS APPLICATIONS PROCESSOR FAMILY
More results

Similar Description - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1050IEC NXP-IMXRT1050IEC Datasheet
1Mb / 93P
i.MX RT1050 Crossover Processors for Industrial
Rev. 1, 03/2018
IMX8DXIEC NXP-IMX8DXIEC Datasheet
2Mb / 127P
i.MX 8DualX Industrial Applications Processors
Rev. 0, 05/2020
MCIMX6Z0DVM09AB NXP-MCIMX6Z0DVM09AB Datasheet
1Mb / 108P
i.MX 6ULZ Applications Processors for Consumer
Rev. 0, 09/2018
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
IMX8QXPIEC NXP-IMX8QXPIEC Datasheet
2Mb / 132P
i.MX 8QuadXPlus and 8DualXPlus Industrial Applications Processors
Rev. 0, 05/2020
IMX6DQPIEC NXP-IMX6DQPIEC Datasheet
2Mb / 160P
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
Rev. 3, 11/2018
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8XLB0IEC NXP-IMX8XLB0IEC Datasheet
1Mb / 112P
i.MX 8XLite Industrial Applications Processors
Rev. 2, 03/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com