Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

I.MX8XLITE Datasheet(PDF) 74 Page - NXP Semiconductors

Part # I.MX8XLITE
Description  i.MX 8XLite Industrial Applications Processors
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

I.MX8XLITE Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button I.MX8XLITE Datasheet HTML 70Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 71Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 72Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 73Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 74Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 75Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 76Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 77Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 112 page
background image
Table 63. I2C timing
Fast Mode Plus
High
Speed1
Unit
ID
Parameter
Min
Max
Min Max
IC1
SCL clock frequency
1
3.4 MHz
IC2
Hold time (repeated) START condition
260
160
ns
IC3
Set-up time for STOP condition
260
160
ns
IC4
Data hold time
0
0
70
ns
IC5
HIGH Period of I2Cx_SCL Clock
260
60
ns
IC6
LOW Period of the I2Cx_SCL Clock
500
160
ns
IC7
Set-up time for a repeated START condition
260
160
ns
IC8
Data set-up time
50
10
ns
IC9
Bus free time between a STOP and START
condition
500
150
ns
IC10
Rise time of I2Cx_SDA signals
120
10
80
ns
IC11
Fall time of I2Cx_SDA signals
12 (@3.3 V)
6.5 (@1.8 V)
120
10
80
ns
IC10b
Rise time of I2Cx_SCL signals
120
10
40
ns
IC11b
Fall time of I2Cx_SCL signals
12 (@3.3 V)
6.5 (@1.8 V)
120
10
40
ns
IC12
Capacitive load for each bus line (Cb)
550
100
pF
1. High-speed mode is only available for I2C modules in DMA, SCU and Cortex-M4 subsystems.
3.10.7 PCIe 3.0 PHY Parameters
Please refer to the PCIe standard specifications. The PHY is compliant with the PCIe
3.0 specification.
3.10.7.1 PCIE_REXT reference resistor connection
PCIE_REXT is the reference resistor for the impedance of the internal termination
resistors on the signal lines. Internal termination must match the differential impedance
of the PCB routing.
The following figure shows the PCIE_REXT reference resistor connection.
Electrical characteristics
74
i.MX 8XLite Industrial Applications Processors, Rev. 3, 08/2023
NXP Semiconductors


Similar Part No. - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
I.MX8 NXP-I.MX8 Datasheet
4Mb / 149P
i.MX 8QuadMax 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8 NXP-I.MX8 Datasheet
4Mb / 148P
i.MX 8QuadPlus 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8M NXP-I.MX8M Datasheet
1Mb / 4P
i.MX 8M PLUS APPLICATIONS PROCESSOR FAMILY
More results

Similar Description - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1050IEC NXP-IMXRT1050IEC Datasheet
1Mb / 93P
i.MX RT1050 Crossover Processors for Industrial
Rev. 1, 03/2018
IMX8DXIEC NXP-IMX8DXIEC Datasheet
2Mb / 127P
i.MX 8DualX Industrial Applications Processors
Rev. 0, 05/2020
MCIMX6Z0DVM09AB NXP-MCIMX6Z0DVM09AB Datasheet
1Mb / 108P
i.MX 6ULZ Applications Processors for Consumer
Rev. 0, 09/2018
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
IMX8QXPIEC NXP-IMX8QXPIEC Datasheet
2Mb / 132P
i.MX 8QuadXPlus and 8DualXPlus Industrial Applications Processors
Rev. 0, 05/2020
IMX6DQPIEC NXP-IMX6DQPIEC Datasheet
2Mb / 160P
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
Rev. 3, 11/2018
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8XLB0IEC NXP-IMX8XLB0IEC Datasheet
1Mb / 112P
i.MX 8XLite Industrial Applications Processors
Rev. 2, 03/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com