Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

I.MX8XLITE Datasheet(PDF) 82 Page - NXP Semiconductors

Part # I.MX8XLITE
Description  i.MX 8XLite Industrial Applications Processors
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

I.MX8XLITE Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button I.MX8XLITE Datasheet HTML 78Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 79Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 80Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 81Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 82Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 83Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 84Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 85Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 112 page
background image
1. Timing is controlled from FLSHxCR1 register (x=A1, A2, B1, or B2).
Table 72. FlexSPI timings with FlexSPIn_MCR0[RXCLKSRC] = 0x3 (DDR mode)
ID
Parameter
Min
Max
Unit
— QSPIx[A/B]_SCLK Cycle frequency
200
MHz
t1
QSPIx[A/B]_SCLK High or Low Time
2.25
ns
t2
QSPIx[A/B]_SSy_B pulse width
1
SCLK
t3
QSPIx[A/B]_SSy_B Lead Time 1
(TCSS+0.5)/2
SCLK
t4
QSPIx[A/B]_SSy_B Lag Time 1
TCSH/2
SCLK
t5
QSPIx[A/B]_DATAy output valid time
0.65
ns
t6
QSPIx[A/B]_DATAy output hold time
0.65
ns
t9
QSPIx[A/B]_DATAy Setup Skew
0.65
ns
t10 QSPIx[A/B]_DATAy Hold Skew
0.65
ns
1. Timing is controlled from FLSHxCR1 register (x=A1, A2, B1, or B2).
3.10.11 Secure JTAG controller (SJC)
3.10.11.1 Internal pull-up/pull-down configuration
The following table describes the default configuration of internal pull-ups and pull-
downs of the JTAG interface. External pull-ups and pull-downs are needed when this
interface is routed to a connector.
Table 73. JTAG default configuration for internal pull-up/pull-down
Ball name
Internal pull setting1
Typical pull
value
Unit
JTAG_TMS
PU
50
JTAG_TCK
PD
JTAG_TDI
PU
TEST_MODE_SELECT
PD
1. PU = pull-up; PD = pull-down
3.10.11.2 JTAG timing parameters
Figure 47 depicts the SJC test clock input timing. Figure 48 depicts the SJC boundary
scan timing. Figure 49 depicts the SJC test access port. Signal parameters are listed in
Table 74.
Electrical characteristics
82
i.MX 8XLite Industrial Applications Processors, Rev. 3, 08/2023
NXP Semiconductors


Similar Part No. - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
I.MX8 NXP-I.MX8 Datasheet
4Mb / 149P
i.MX 8QuadMax 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8 NXP-I.MX8 Datasheet
4Mb / 148P
i.MX 8QuadPlus 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8M NXP-I.MX8M Datasheet
1Mb / 4P
i.MX 8M PLUS APPLICATIONS PROCESSOR FAMILY
More results

Similar Description - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1050IEC NXP-IMXRT1050IEC Datasheet
1Mb / 93P
i.MX RT1050 Crossover Processors for Industrial
Rev. 1, 03/2018
IMX8DXIEC NXP-IMX8DXIEC Datasheet
2Mb / 127P
i.MX 8DualX Industrial Applications Processors
Rev. 0, 05/2020
MCIMX6Z0DVM09AB NXP-MCIMX6Z0DVM09AB Datasheet
1Mb / 108P
i.MX 6ULZ Applications Processors for Consumer
Rev. 0, 09/2018
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
IMX8QXPIEC NXP-IMX8QXPIEC Datasheet
2Mb / 132P
i.MX 8QuadXPlus and 8DualXPlus Industrial Applications Processors
Rev. 0, 05/2020
IMX6DQPIEC NXP-IMX6DQPIEC Datasheet
2Mb / 160P
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
Rev. 3, 11/2018
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8XLB0IEC NXP-IMX8XLB0IEC Datasheet
1Mb / 112P
i.MX 8XLite Industrial Applications Processors
Rev. 2, 03/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com