Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

I.MX8XLITE Datasheet(PDF) 87 Page - NXP Semiconductors

Part # I.MX8XLITE
Description  i.MX 8XLite Industrial Applications Processors
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

I.MX8XLITE Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button I.MX8XLITE Datasheet HTML 83Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 84Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 85Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 86Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 87Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 88Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 89Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 90Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 112 page
background image
Table 78. IrDA Mode Transmit Timing Parameters
ID
Parameter
Symbol
Min
Max
Uni
t
UA3 Transmit Bit Time in IrDA mode
tTIRbit
1/Fbaud_rate1 – Tref_clk2
1/Fbaud_rate + Tref_clk
UA4
Transmit IR Pulse Duration
tTIRpulse
(TNP+1)/(OSR+1) × (1/
Fbaud_rate) – Tref_clk
(TNP+1)/(OSR+1) × (1/
Fbaud_rate) + Tref_clk
1. Fbaud_rate: Baud rate frequency. The maximum baud rate the UART can support is (LPUART_clk frequency)/
(SBR[12:0] × (OSR+1)).
2. Tref_clk: The period of UART reference clock ref_clk (LPUART_clk after SBR divider).
3.10.13.3.2 UART IrDA Mode Receiver
The following figure depicts the UART IrDA mode receive timing, with 8 data bit/1
stop bit format. Table 79 lists the receive timing characteristics.
Bit 1
Bit 2
Bit 0
Bit 4
Bit 5
Bit 6
Bit 7
Bit 3
STOP
BIT
POSSIBLE
PARITY
BIT
UA5
UA5
UA5
UA5
UA6
Start
Bit
UARTx_RX_DATA
(input)
Figure 55. UART IrDA Mode Receive Timing Diagram
Table 79. IrDA Mode Receive Timing Parameters
ID
Parameter
Symbol
Min
Max
Unit
UA5 Receive Bit Time 1 in IrDA
mode
tRIRbit
1/Fbaud_rate2 – 1/(16 ×
Fbaud_rate)
1/Fbaud_rate + 1/(16 ×
Fbaud_rate)
UA6 Receive IR Pulse Duration
tRIRpulse
1.41 μs
(5/16) × (1/Fbaud_rate)
1. The UART receiver can tolerate 1/((OSR+1) × Fbaud_rate) tolerance in each bit. But accumulation tolerance in one
frame must not exceed 3/((OSR+1) × Fbaud_rate).
2. Fbaud_rate: Baud rate frequency. The maximum baud rate the UART can support is (LPUART_clk frequency)/
(SBR[12:0] × (OSR+1)).
3.10.14 USB 2.0 PHY Parameters
The USB2 OTG module has been specified to perform USB 2.0 dual role and USB
2.0 On-The-Go(OTG) compatible with the USB 2.0 specification and with OTG
supplementary specifications.
3.10.14.1 USB 2.0 PHY ID-pin specifications
The following table lists the ID-pin specifications for USB2.0 PHY.
Electrical characteristics
i.MX 8XLite Industrial Applications Processors, Rev. 3, 08/2023
87
NXP Semiconductors


Similar Part No. - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
I.MX8 NXP-I.MX8 Datasheet
4Mb / 149P
i.MX 8QuadMax 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8 NXP-I.MX8 Datasheet
4Mb / 148P
i.MX 8QuadPlus 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8M NXP-I.MX8M Datasheet
1Mb / 4P
i.MX 8M PLUS APPLICATIONS PROCESSOR FAMILY
More results

Similar Description - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1050IEC NXP-IMXRT1050IEC Datasheet
1Mb / 93P
i.MX RT1050 Crossover Processors for Industrial
Rev. 1, 03/2018
IMX8DXIEC NXP-IMX8DXIEC Datasheet
2Mb / 127P
i.MX 8DualX Industrial Applications Processors
Rev. 0, 05/2020
MCIMX6Z0DVM09AB NXP-MCIMX6Z0DVM09AB Datasheet
1Mb / 108P
i.MX 6ULZ Applications Processors for Consumer
Rev. 0, 09/2018
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
IMX8QXPIEC NXP-IMX8QXPIEC Datasheet
2Mb / 132P
i.MX 8QuadXPlus and 8DualXPlus Industrial Applications Processors
Rev. 0, 05/2020
IMX6DQPIEC NXP-IMX6DQPIEC Datasheet
2Mb / 160P
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
Rev. 3, 11/2018
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8XLB0IEC NXP-IMX8XLB0IEC Datasheet
1Mb / 112P
i.MX 8XLite Industrial Applications Processors
Rev. 2, 03/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com