Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

I.MX8XLITE Datasheet(PDF) 88 Page - NXP Semiconductors

Part # I.MX8XLITE
Description  i.MX 8XLite Industrial Applications Processors
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

I.MX8XLITE Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button I.MX8XLITE Datasheet HTML 84Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 85Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 86Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 87Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 88Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 89Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 90Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 91Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 112 page
background image
Table 80. USB 2.0 PHY ID-pin specifications
Symbol
Description
Min
Typ
Max
Units
VIH
Input Voltage Level
- High
0.55*VDD_1P8
V
VIL
Input Voltage Level
- Low
0.3*VDD_1P8
V
RPU
Pull-up Resistor
35
65
3.10.14.2 Voltage threshold specification
The following table lists the OTG Comparator Specifications of USB2.0 PHY.
Table 81. USB 2.0 PHY OTG comparator specifications
Symbol
Description
Min
Typ
Max
Units
sessvld
B-Device Session Valid threshold
0.8
4.0
V
vbusvalid
VBUS Valid threshold
4.4
4.75
V
3.11 Analog-to-digital converter (ADC)
The following table shows the ADC electrical specifications for
VREFH=VDD_ADC_1P8.
Table 82. ADC electrical specifications (VREFH=VDD_ADC_1P8)
Symbol
Description
Min
Typ1
Max
Unit
Notes
VADIN
Input Voltage
VREFL
VREFH
V
CADIN
Input capacitance
4.5
pF
RADIN
Input Resistance
500
Ω
RAS
Analog Source Resistance
5
2
fADCK
ADC Conversion Clock Frequency
24
MHz
Csample
Sample cycles
3.5
131.5
3
Ccompare
Fixed compare cycles
17.5
cycles
Cconversion
Conversion cycles
Cconversion = Csample + Ccompare
cycles
DNL
Differential Non-Linearity
± 0.6
-0.5 to +1.1
LSB
4
INL
Integral Non-Linearity
± 0.9
±1.1
LSB
4
ENOB
Effective Number of Bits
5, 6, 7
Avg = 1
10.1
10.4
Bits
Avg = 2
10.5
10.7
Bits
Table continues on the next page...
Electrical characteristics
88
i.MX 8XLite Industrial Applications Processors, Rev. 3, 08/2023
NXP Semiconductors


Similar Part No. - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
I.MX8 NXP-I.MX8 Datasheet
4Mb / 149P
i.MX 8QuadMax 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8 NXP-I.MX8 Datasheet
4Mb / 148P
i.MX 8QuadPlus 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8M NXP-I.MX8M Datasheet
1Mb / 4P
i.MX 8M PLUS APPLICATIONS PROCESSOR FAMILY
More results

Similar Description - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1050IEC NXP-IMXRT1050IEC Datasheet
1Mb / 93P
i.MX RT1050 Crossover Processors for Industrial
Rev. 1, 03/2018
IMX8DXIEC NXP-IMX8DXIEC Datasheet
2Mb / 127P
i.MX 8DualX Industrial Applications Processors
Rev. 0, 05/2020
MCIMX6Z0DVM09AB NXP-MCIMX6Z0DVM09AB Datasheet
1Mb / 108P
i.MX 6ULZ Applications Processors for Consumer
Rev. 0, 09/2018
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
IMX8QXPIEC NXP-IMX8QXPIEC Datasheet
2Mb / 132P
i.MX 8QuadXPlus and 8DualXPlus Industrial Applications Processors
Rev. 0, 05/2020
IMX6DQPIEC NXP-IMX6DQPIEC Datasheet
2Mb / 160P
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
Rev. 3, 11/2018
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8XLB0IEC NXP-IMX8XLB0IEC Datasheet
1Mb / 112P
i.MX 8XLite Industrial Applications Processors
Rev. 2, 03/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com