Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

I.MX8XLITE Datasheet(PDF) 11 Page - NXP Semiconductors

Part # I.MX8XLITE
Description  i.MX 8XLite Industrial Applications Processors
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

I.MX8XLITE Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button I.MX8XLITE Datasheet HTML 7Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 8Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 9Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 10Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 11Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 12Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 13Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 14Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 112 page
background image
Table 2. i.MX 8XLite modules list (continued)
Block
Mnemonic
Block Name
Brief Description
SJC
Secure JTAG
Controller
The SJC provides the JTAG interface, which is compatible with JTAG TAP
standards, to internal logic. This device uses JTAG port for production,
testing, and system debugging. Additionally, the SJC provides BSR
(Boundary Scan Register) standard support, which is compatible with the
IEEE1149.1 standard.
The JTAG port must be accessible during platform initial laboratory bring-up,
for manufacturing tests and troubleshooting, as well as for software
debugging by authorized entities. The SJC incorporates three security modes
for protecting against unauthorized accesses. Modes are selected through
eFUSE configuration.
SNVS
Secure Non-Volatile
Storage
Secure Non-Volatile Storage, including Secure Real Time Clock, Security
State Machine, Master Key Control.
SPDIF
Sony Philips Digital
Interconnect Format
The Sony/Philips Digital Interface (SPDIF) audio block is a stereo transceiver
that allows the processor to receive and transmit digital audio. The SPDIF
transceiver allows the handling of both SPDIF channel status (CS) and User
(U) data and includes a frequency measurement block that allows the precise
measurement of an incoming sampling frequency.
TEMPMON
Temperature Monitor
The temperature monitor/sensor IP module for detecting high temperature
conditions. The temperature read out does not reflect case or ambient
temperature. It reflects the temperature in proximity of the sensor location on
the die.
UART
UART Interface
• High-speed TIA/EIA-232-F compatible, up to 5.0 Mbps
• Serial IR interface low-speed, IrDA-compatible (up to 115.2 Kbit/s)
• 9-bit or Multidrop mode (RS-485) support (automatic slave address
detection)
• 7, 8, 9, or 10-bit data characters (7-bits only with parity)
• 1 or 2 stop bits
• Programmable parity (even, odd, and no parity)
• Hardware flow control support for request to send (RTS_B) and clear to
send (CTS_B) signals
USBOH
The USBOH module has been specified which performs USB 2.0 On-The-Go
(OTG) and USB 2.0 Host functionality compatible with the USB 2.0 with OTG
supplement specification. This controller supports two independent USB core
(1× USB2.0 OTG ) and includes the PHY and I/O interfaces to support this
operation.
Key features:
• Two USB2.0 OTG controller
• High Speed (480 Mbps), full speed (12 Mbps) and low speed (1.5
Mbps)
• Fully compatible with the USB 2.0 specification
• Fully compatible with the USB On-The-Go supplement to the USB 2.0
specification
Table continues on the next page...
Modules List
i.MX 8XLite Industrial Applications Processors, Rev. 3, 08/2023
11
NXP Semiconductors


Similar Part No. - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
I.MX8 NXP-I.MX8 Datasheet
4Mb / 149P
i.MX 8QuadMax 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8 NXP-I.MX8 Datasheet
4Mb / 148P
i.MX 8QuadPlus 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8M NXP-I.MX8M Datasheet
1Mb / 4P
i.MX 8M PLUS APPLICATIONS PROCESSOR FAMILY
More results

Similar Description - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1050IEC NXP-IMXRT1050IEC Datasheet
1Mb / 93P
i.MX RT1050 Crossover Processors for Industrial
Rev. 1, 03/2018
IMX8DXIEC NXP-IMX8DXIEC Datasheet
2Mb / 127P
i.MX 8DualX Industrial Applications Processors
Rev. 0, 05/2020
MCIMX6Z0DVM09AB NXP-MCIMX6Z0DVM09AB Datasheet
1Mb / 108P
i.MX 6ULZ Applications Processors for Consumer
Rev. 0, 09/2018
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
IMX8QXPIEC NXP-IMX8QXPIEC Datasheet
2Mb / 132P
i.MX 8QuadXPlus and 8DualXPlus Industrial Applications Processors
Rev. 0, 05/2020
IMX6DQPIEC NXP-IMX6DQPIEC Datasheet
2Mb / 160P
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
Rev. 3, 11/2018
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8XLB0IEC NXP-IMX8XLB0IEC Datasheet
1Mb / 112P
i.MX 8XLite Industrial Applications Processors
Rev. 2, 03/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com