Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

I.MX8XLITE Datasheet(PDF) 12 Page - NXP Semiconductors

Part # I.MX8XLITE
Description  i.MX 8XLite Industrial Applications Processors
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

I.MX8XLITE Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button I.MX8XLITE Datasheet HTML 8Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 9Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 10Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 11Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 12Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 13Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 14Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 15Page - NXP Semiconductors I.MX8XLITE Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 112 page
background image
Table 2. i.MX 8XLite modules list (continued)
Block
Mnemonic
Block Name
Brief Description
• Hardware support for OTG signaling
• Host Negotiation Protocol (HNP) and Session Request Protocol (SRP)
implemented in hardware, which can also be controlled by software
uSDHC
SD/eMMC and SDXC
Enhanced Multi-Media
Card / Secure Digital
Host Controller
The uSDHC is a host controller used to communicate with external low cost
data storage and communication media. It supports the previous versions of
the MultiMediaCard (MMC) and Secure Digital Card (SD) standards.
Specifically, the uSDHC supports:
• SD Host Controller Standard Specification v3.0 with the exception that
all the registers do not match the standards address mapping.
• SD Physical Layer Specification v3.0 UHS-I (SDR104/DDR50)
• SDIO specification v3.0
• eMMC System Specification v5.1
• Three identical uSDHC controllers are available: one with 8-bit data to
support eMMC, two with 4-bit data for SD/SDIO
V2X
Standalone
Cryptographic
Accelerator
The V2X is a standalone cryptographic accelerator which is intended to allow
processing of cryptographic operations from the AP cores specifically related
to verifying and signing of packets received.
WDOG
Watchdog
The Watchdog Timer supports two comparison points during each counting
period. Each of the comparison points is configurable to evoke an interrupt to
the Arm core, and a second point evokes an external event on the WDOG
line.
XTAL OSC24M
The 24 MHz xtal, when coupled to an external crystal, forms an oscillator
which provides one of the two main clock sources to the chip. The OSC24M is
used as the reference clock source for all frequency synthesis on the die
sourced by PLLs or a cascade thereof. OSC24M can be turned off by the
System Control Unit (SCU) during sleep mode.
XTAL OSC32K
The 32 KHz clock source is an external crystal that is one of two main clock
sources to the chip. The OSC32K is intended to be always on and is
distributed by the SCU to modules in the chip.
2.1 Special Signal Considerations
Special signal considerations can be found in the hardware development guide for this
device.
Modules List
12
i.MX 8XLite Industrial Applications Processors, Rev. 3, 08/2023
NXP Semiconductors


Similar Part No. - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
I.MX8 NXP-I.MX8 Datasheet
4Mb / 149P
i.MX 8QuadMax 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8 NXP-I.MX8 Datasheet
4Mb / 148P
i.MX 8QuadPlus 1.3GHz Automotive and Infotainment Applications Processors
Rev. 0, 03/2024
I.MX8M NXP-I.MX8M Datasheet
1Mb / 4P
i.MX 8M PLUS APPLICATIONS PROCESSOR FAMILY
More results

Similar Description - I.MX8XLITE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1050IEC NXP-IMXRT1050IEC Datasheet
1Mb / 93P
i.MX RT1050 Crossover Processors for Industrial
Rev. 1, 03/2018
IMX8DXIEC NXP-IMX8DXIEC Datasheet
2Mb / 127P
i.MX 8DualX Industrial Applications Processors
Rev. 0, 05/2020
MCIMX6Z0DVM09AB NXP-MCIMX6Z0DVM09AB Datasheet
1Mb / 108P
i.MX 6ULZ Applications Processors for Consumer
Rev. 0, 09/2018
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
IMX8QXPIEC NXP-IMX8QXPIEC Datasheet
2Mb / 132P
i.MX 8QuadXPlus and 8DualXPlus Industrial Applications Processors
Rev. 0, 05/2020
IMX6DQPIEC NXP-IMX6DQPIEC Datasheet
2Mb / 160P
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
Rev. 3, 11/2018
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8XLB0IEC NXP-IMX8XLB0IEC Datasheet
1Mb / 112P
i.MX 8XLite Industrial Applications Processors
Rev. 2, 03/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com