Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F262G1B6 Datasheet(PDF) 109 Page - STMicroelectronics

Part # ST72F262G1B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F262G1B6 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button ST72F262G1B6 Datasheet HTML 105Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 106Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 107Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 108Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 109Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 110Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 111Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 112Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
109/172
I2C BUS INTERFACE (Cont’d)
11.6.5 Low Power Modes
11.6.6 Interrupts
Figure 60. Event Flags and Interrupt Generation
Note: The I2C interrupt events are connected to
the same interrupt vector (see Interrupts chapter).
They generate an interrupt if the corresponding
Enable Control Bit is set and the I-bit in the CC reg-
ister is reset (RIM instruction).
Mode
Description
WAIT
No effect on I2C interface.
I2C interrupts cause the device to exit from WAIT mode.
HALT
I2C registers are frozen.
In HALT mode, the I2C interface is inactive and does not acknowledge data on the bus. The I2C interface
resumes operation when the MCU is woken up by an interrupt with “exit from HALT mode” capability.
Interrupt Event
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
10-bit Address Sent Event (Master mode)
ADD10
ITE
Yes
No
End of Byte Transfer Event
BTF
Yes
No
Address Matched Event (Slave mode)
ADSEL
Yes
No
Start Bit Generation Event (Master mode)
SB
Yes
No
Acknowledge Failure Event
AF
Yes
No
Stop Detection Event (Slave mode)
STOPF
Yes
No
Arbitration Lost Event (Multimaster configuration)
ARLO
Yes
No
Bus Error Event
BERR
Yes
No
BTF
ADSL
SB
AF
STOPF
ARLO
BERR
EVF
INTERRUPT
ITE
*
* EVF can also be set by EV6 or an error from the SR2 register.
ADD10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com