Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F262G1B6 Datasheet(PDF) 129 Page - STMicroelectronics

Part # ST72F262G1B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F262G1B6 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button ST72F262G1B6 Datasheet HTML 125Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 126Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 127Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 128Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 129Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 130Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 131Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 132Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
129/172
OPERATING CONDITIONS (Cont’d)
13.3.2 Operating Conditions with Low Voltage Detector (LVD)
TA = -40 to +85°C unless otherwise specified
Notes:
1. Data based on characterization results, not tested in production.
2. When VtPOR is faster than 100 µs/V, the Reset signal is released after a delay of max. 42µs after VDD crosses the
VIT+(LVD) threshold.
3. Use of LVD with capacitive power supply: with this type of power supply, if power cuts occur in the application, it is
recommended to pull VDD down to 0V to ensure optimum restart conditions. Refer to circuit example in Figure 91 on page
151 and note 6.
.
Figure 65. LVD Startup Behaviour
Note: When the LVD is enabled, the MCU reaches its authorized operating voltage from a reset state.
However, in some devices, the reset signal may be undefined until VDD is approximately 2V. As a conse-
quence, the I/Os may toggle when VDD is below this voltage.
Because Flash write access is impossible below this voltage, the Flash memory contents will not be cor-
rupted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(LVD)
Reset release threshold
(VDD rise)
High Threshold
Med. Threshold
Low Threshold
4.0 1)
3.55 1)
2.95 1)
4.2
3.75
3.15
4.5
4.0
3.35
V
VIT-(LVD)
Reset generation threshold
(VDD fall)
High Threshold
Med. Threshold
Low Threshold
3.75
3.3
2.75
4.0
3.55
3.0
4.251)
3.751)
3.151)
Vhys(LVD)
LVD voltage threshold hysteresis
VIT+(LVD)-VIT-(LVD)
200
mV
VtPOR
VDD rise time rate
1)2)3)
Flash
20
µs/V
20ms/V
ROM
20
µs/V
∞
tg(VDD)
Filtered glitch delay on VDD
1)
Not detected by the LVD
40
ns
5V
2V
VIT+
LVD RESET
V D
D
t
Reset state
in this area
not defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com