Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F262G1B6 Datasheet(PDF) 165 Page - STMicroelectronics

Part # ST72F262G1B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F262G1B6 Datasheet(HTML) 165 Page - STMicroelectronics

Back Button ST72F262G1B6 Datasheet HTML 161Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 162Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 163Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 164Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 165Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 166Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 167Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 168Page - STMicroelectronics ST72F262G1B6 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
165/172
TRANSFER OF CUSTOMER CODE (Cont’d)
ST72264 ROM/FASTROM MICROCONTROLLER OPTION LIST
(Last update: 15 January 2004)
Customer
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference /ROM or FASTROM Code*
ROM or FASTROM code is assigned by STMicroelectronics.
Code must be sent in .S19 format. .Hex extension cannot be processed.
Device Type/Memory Size/Package (check only one option):
Conditioning (check only one option, do not specify for DIP package):
SO package:
[ ] Tape & Reel
[ ] Tube
Die form:
[ ] Tape & Reel
[ ] Inked wafer
[ ] Sawn wafer on sticky foil
Special Marking
[ ] No
[ ] Yes
Authorized characters are letters, digits ‘.’, ‘-’, ‘/’ and spaces only.
Maximum character count: SO28 (13 char. max): _ _ _ _ _ _ _ _ _ _ _ _ _
SDIP32 (15 char. max): _ _ _ _ _ _ _ _ _ _ _ _ _ _ _
BGA6x6 (7 char. max): _ _ _ _ _ _ _
Temperature Range:
Packaged form:
[ ] 0°C to + 70°C
[ ] - 10°C to + 85°C (except BGA)
[ ] - 40°C to + 85°C (except BGA)
Die form:
[ ] Tested at 25°C only
Watchdog Reset on Halt:
[ ] Reset
[ ] No Reset
Watchdog Selection:
[ ] Software Activation
[ ] Hardware Activation
VD Reset
[ ] Disabled
[ ] Enabled:
[ ] Highest threshold
[ ] Medium threshold
[ ] Lowest threshold
Sector 0 Size:
[ ] 0.5K
[ ] 1K
[ ] 2K
[ ] 4K (FASTROM only)
Readout Protection:
[ ] Disabled
[ ] Enabled
Flash Write Protection:
[ ] Disabled
[ ] Enabled (FASTROM only)
External Interrupt:
[ ] Port A&C on ei0 interrupt vector, Port B on ei1 (PA&C_PB)
[ ] Port A on ei0 interrupt vector, Port B&C on ei1 (PA_PB&C)
Clock Source Selection:
[ ] Resonator:
[ ] VLP: Very Low power resonator (32 to 100 kHz)
[ ] LP: Low power resonator (1 to 2 MHz)
[ ] MP: Medium power resonator (2 to 4 MHz)
[ ] MS: Medium speed resonator (4 to 8 MHz)
[ ] HS: High speed resonator (8 to 16 MHz)
[ ] Internal RC Oscillator
1)
[ ] External Clock
PLL
1:
[ ] Disabled
[ ] Enabled
Supply Operating Range in the application: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signature:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1: Use of the PLL with the internal RC oscillator is not supported.
Important note: Not all configurations are available. See Table 28 on page 164 for the list of supported part numbers.
Please download the latest version of this option list from:
http://www.st.com/mcu > downloads > ST7 microcontrollers > Option list
----------------------------
ROM DEVICE:
----------------------------
|
|
--------------------------------------------
8K
--------------------------------------------
|
|
----------------------------------------------------------------
4K
----------------------------------------------------------------
SO28:
| [ ]ST72264G2
[ ]ST72262G2 | [ ]ST72264G1
[ ]ST72262G1
[ ]ST72260G1
SDIP32:
| [ ]ST72264G2
[ ]ST72262G2 | [ ]ST72264G1
[ ]ST72262G1
[ ]ST72260G1
---------------------------
FASTROM DEVICE:
----------------------------
|
|
--------------------------------------------
8K
--------------------------------------------
|
|
----------------------------------------------------------------
4K
----------------------------------------------------------------
SO28:
| [ ]ST72P264G2 [ ]ST72P262G2 | [ ]ST72P264G1 [ ]ST72P262G1 [ ]ST72P260G1
SDIP32:
| [ ]ST72P264G2 [ ]ST72P262G2 | [ ]ST72P264G1 [ ]ST72P262G1 [ ]ST72P260G1
BGA6x6:
| [ ]ST72P264G2
|
----------------------------
DIE FORM:
----------------------------
|
|
-------------------------------------------
[ ] 8K
--------------------------------------------
|
|
----------------------------------------------------------------
[ ] 4K
----------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com