Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F264G2B6 Datasheet(PDF) 118 Page - STMicroelectronics

Part # ST72F264G2B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G2B6 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button ST72F264G2B6 Datasheet HTML 114Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 115Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 116Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 117Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 118Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 119Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 120Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 121Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
118/172
10-BIT A/D CONVERTER (ADC) (Cont’d)
11.7.6 Register Description
CONTROL/STATUS REGISTER (ADCCSR)
Read/Write (Except bit 7 read only)
Reset Value: 0000 0000 (00h)
Bit 7 = EOC End of Conversion
This bit is set by hardware. It is cleared by soft-
ware reading the ADCDRH register or writing to
any bit of the ADCCSR register.
0: Conversion is not complete
1: Conversion complete
Bit 6 = SPEED A/D clock selection
This bit is set and cleared by software.
Table 22. A/D Clock Selection (See Note 1)
1)The SPEED and SLOW bits must be updated before
setting the ADON bit.
2)Use this setting only if f
CPU ≤ 4 MHz
Bit 5 = ADON A/D Converter on
This bit is set and cleared by software.
0: Disable ADC and stop conversion
1: Enable ADC and start conversion
Bit 4 = SLOW A/D Clock Selection
This bit is set and cleared by software. It works to-
gether with the SPEED bit. Refer to Table 22.
Bit 2:0 = CH[2:0] Channel Selection
These bits are set and cleared by software. They
select the analog input to convert.
DATA REGISTER (ADCDRH)
Read Only
Reset Value: 0000 0000 (00h)
Bit 7:0 = D[9:2] MSB of Analog Converted Value
DATA REGISTER (ADCDRL)
Read Only
Reset Value: 0000 0000 (00h)
Bit 7:2 = Reserved. Forced by hardware to 0.
Bit 1:0 = D[1:0] LSB of Analog Converted Value
70
EOC
SPEED ADON SLOW
0
CH2
CH1
CH0
fADC Frequency
SLOW
SPEED
fCPU (See Note 2)
0
1
fCPU/2
11
00
fCPU/4
1
0
Channel Pin
CH2
CH1
CH0
AIN0
000
AIN1
001
AIN2
010
AIN3
011
AIN4
100
AIN5
101
70
D9
D8
D7
D6
D5
D4
D3
D2
70
0
000
00
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com